công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WV3HG264M72EEU665D7ISG bảng dữ liệu(PDF) 1 Page - White Electronic Designs Corporation

tên linh kiện WV3HG264M72EEU665D7ISG
Giải thích chi tiết về linh kiện  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665D7ISG bảng dữ liệu(HTML) 1 Page - White Electronic Designs Corporation

  WV3HG264M72EEU665D7ISG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WV3HG264M72EEU-D7
May 2006
Rev. 0
ADVANCED*
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
1GB – 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
DESCRIPTION
The WV3HG264M72EEU is a 2x64Mx72 Double Data
Rate DDR2 SDRAM high density module. This memory
module consists of eighteen 64Mx8 bit with 4 banks DDR2
Synchronous DRAMs in FBGA packages, mounted on a
244-pin DIMM FR4 substrate.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
NOTE: Consult factory for availability of:
• Vendor source control options
• Industrial temperature option
FEATURES
Unbuffered 244-pin, dual in-line memory module
(Mini-DIMM)
Fast data transfer rates: PC2-6400*, PCS-5300*,
PC2-4200 and PC2-3200
Utilizes 800*, 667*, 533 and 400 Mb/s DDR2
SDRAM components
VCC = VCCQ = 1.8V ±0.1V
VCCSPD = 1.7V to 3.6V
Differential data strobe (DQS, DQS#) option
Four-bit prefetch architecture
Programmable CAS# latency (CL): 3, 4, 5* and 6*
Programmable burst: Length (4, 8)
On-die termination (ODT)
Serial Presence Detect (SPD) with EEPROM
JEDEC Standard 1.8V I/O (SSTK_18 Compatible)
Gold (Au) edge contacts
Dual Rank
RoHS compliant
Package option
• 244 Pin Mini-DIMM
• PCB – 30.00mm (1.181") TYP
OPERATING FREQUENCIES
PC2-3200
PC2-4200
PC2-5300*
PC2-6400*
Clock Speed
200MHz
266MHz
333MHz
400MHz
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
6-6-6
*Consult factory for availability.


Số phần tương tự - WV3HG264M72EEU665D7ISG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG264M72EEU665D6GG WEDC-WV3HG264M72EEU665D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6MG WEDC-WV3HG264M72EEU665D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6SG WEDC-WV3HG264M72EEU665D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
More results

Mô tả tương tự - WV3HG264M72EEU665D7ISG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com