công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WV3HG264M72EEU806D7ISG bảng dữ liệu(PDF) 8 Page - White Electronic Designs Corporation

tên linh kiện WV3HG264M72EEU806D7ISG
Giải thích chi tiết về linh kiện  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU806D7ISG bảng dữ liệu(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3HG264M72EEU806D7ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WV3HG264M72EEU-D7
May 2006
Rev. 0
ADVANCED
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS (continued)
VCC = +1.8V ± 0.1V
Parameter
Symbol
806
665
534
403
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Address and control input pulse width for each input
tIPW
TBD
TBD
0.6
0.6
0.6
tCK
Address and control input setup time
tIS
TBD
TBD
200
250
250
ps
Address and control input hold time
tIH
TBD
TBD
275
375
475
ps
CAS# to CAS# command delay
tCCD
TBD
TBD
222
ps
ACTIVE to ACTIVE (same bank) command
tRC
TBD
TBD
54
55
55
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
TBD
TBD
7.5
7.5
7.5
ns
ACTIVE to READ or WRITE delay
tRCD
TBD
TBD
15
15
15
ns
Four Bank Activate period
tFAW
TBD
TBD
37.5
37.5
37.5
37.5
37.5
37.5
ns
ACTIVE to PRECHARGE command
tRAS
TBD
TBD
45
70,000
45
70,000
45
70,000
ns
Internal READ to precharge command delay
tRTP
TBD
TBD
7.5
7.5
7.5
ns
Write recovery time
tWR
TBD
TBD
15
15
15
ns
Auto precharge write recovery + precharge time
tDAL
TBD
TBD
tWR + tRP
tWR + tRP
tWR + tRP
ns
Internal WRITE to READ command delay
tWTR
TBD
TBD
7.5
7.5
10
ns
PRECHARGE command period
tRP
TBD
TBD
15
15
15
ns
PRECHARGE ALL command period
tRPA
TBD
TBD
tRP + tCK
tRP + tCK
tRP + tCK
ns
LOAD MODE command cycle time
tMRD
TBD
TBD
222
tCK
CKE low to CK, CK# uncertainty
tDELAY
TBD
TBD
tIS+tCK+tIH
tIS+tCK+tIH
tIS+tCK+tIH
ns
REFRESH to Active or Refresh to Refresh command interval
tRFC
TBD
TBD
105
70,000
105
70,000
105
70,000
ns
Average periodic refresh interval
tREFI
TBD
TBD
7.8
7.8
7.8
ns
Exit self refresh to non-READ command
tXSNR
TBD
TBD
tRFC(MIN)
+ 10
tRFC(MIN)
+ 10
tRFC(MIN)
+ 10
ns
Exit self refresh to READ
tXSRD
TBD
TBD
200
200
200
tCK
Exit self refresh timing reference
tlSXR
TBD
TBD
tIS
tIS
tIS
ps
ODT turn-on delay
tAOND
TBD
TBD
222222
tCK
ODT turn-on
tACN
TBD
TBD
tAC(MIN)
tAC(MAX)
+ 1000
tAC(MIN)
tAC(MAX)
+ 1000
tAC(MIN)
tAC(MAX)
+ 1000
ps
ODT turn-off delay
tAOFD
TBD
TBD
2.5
2.5
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
TBD
TBD
tAC(MIN)
tAC(MAX)
+
600
tAC(MIN)
tAC(MAX)
+
600
tAC(MIN)
tAC(MAX)
+
600
ps
ODT turn-on (power-down mode)
tAONPD
TBD
TBD
tAC(MIN) +
2000
2 x tCK +
tAC(MAX)
+ 1000
tAC(MIN) +
2000
2 x tCK +
tAC(MAX)
+ 1000
tAC(MIN) +
2000
2 x tCK +
tAC(MAX)
+ 1000
ps
ODT turn-off (power-down mode)
tAOFPD
TBD
TBD
tAC(MIN) +
2000
2 x tCK +
tAC(MAX)
+ 1000
+1000
tAC(MIN) +
2000
2 x tCK +
tAC(MAX)
+ 1000
+1000
tAC(MIN) +
2000
2 x tCK +
tAC(MAX)
+ 1000
ps
ODT to power-down entry latency
tANPD
TBD
TBD
333
tCK
ODT power-down exit latency
tAXPD
TBD
TBD
888
tCK
Exit active power-down to READ command, MR[bit12=0]
tXARD
TBD
TBD
222
tCK
Exit active power-down to READ command, MR[bit12=1]
tXARDS
TBD
TBD
7-AL
6-AL
6-AL
tCK
Exit precharge power-down to any non-READ command
tXP
TBD
TBD
222
tCK
CKE minimum high/low time
tCKE
TBD
TBD
333
tCK
AC specification is based on SAMSUNG components. Other DRAM manufacturers specification may be different.


Số phần tương tự - WV3HG264M72EEU806D7ISG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG264M72EEU806D6GG WEDC-WV3HG264M72EEU806D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6MG WEDC-WV3HG264M72EEU806D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6SG WEDC-WV3HG264M72EEU806D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
More results

Mô tả tương tự - WV3HG264M72EEU806D7ISG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com