công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WV3HG264M72EEU665D6MG bảng dữ liệu(PDF) 4 Page - White Electronic Designs Corporation

tên linh kiện WV3HG264M72EEU665D6MG
Giải thích chi tiết về linh kiện  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665D6MG bảng dữ liệu(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG264M72EEU665D6MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WV3HG264M72EEU-D6
January 2006
Rev. 0
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
DC OPERATING CONDITIONS
All Voltages Referenced to VSS
Parameter
Symbol
Rating
Units
Notes
Min.
Type
Max.
Supply Voltage
VCC
1.7
1.8
1.9
V
1
I/O Supply Voltage
VCCQ
1.7
1.8
1.9
V
4
VCCL Supply Voltage
VCCL
1.7
1.8
1.9
V
4
I/O Reference Voltage
VREF
0.49*VCCQ
0.50*VCCQ
0.51*VCCQ
V2
I/O Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
3
Notes:
1. VCC and VCCQ must track each other. VCCQ must be less than or equal to VCC.
2. VREF is expected to equal VCCQ/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/- percent of the DC
value. Peak-to-peak AC noise on VREF may not exceed +/-2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor.
3. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
4. VCCQ tracks with VCC; VCCL track with VCC.
ABSOLUTE MAXIMUM RATINGS
SSTL_1.8V
Symbol
Parameter
Min
Max
Unit
VCC
Voltage on VCC pin relative to VSS
- 1.0
2.3
V
VCCQ
Voltage on VCCQ pin relative to VSS
- 0.5
2.3
V
VCCL
Voltage on VCCL pin relative to VSS
- 0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
- 0.5
2.3
V
TSTG
Storage Temperature
-55
100
°C
TCASE
Device operating Temperature
0
85
°C
IL
Input leakage current; Any input 0V<VIN<VCC;
VREF input 0V<VIN<<0.95; Other pins not
under test = 0V
Command/Address, RAS#,
CAS#, WE#
-90
90
µA
CS#, CKE
-45
45
µA
CK, CK#
-30
30
µA
DM
-10
10
µA
IOZ
Output leakage current; 0V<VOUT<VCCQ; DQs
and ODT are disable
DQ, DQS, DQS#
-10
10
µA
IVREF
VREF leakage current; VREF = Valid VREF level
-36
36
µA


Số phần tương tự - WV3HG264M72EEU665D6MG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG264M72EEU665D7IMG WEDC-WV3HG264M72EEU665D7IMG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7ISG WEDC-WV3HG264M72EEU665D7ISG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7MG WEDC-WV3HG264M72EEU665D7MG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7SG WEDC-WV3HG264M72EEU665D7SG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results

Mô tả tương tự - WV3HG264M72EEU665D6MG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D6 WEDC-WV3HG264M64EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com