công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WV3HG64M72EER534D6SG bảng dữ liệu(PDF) 9 Page - White Electronic Designs Corporation |
|
WV3HG64M72EER534D6SG bảng dữ liệu(HTML) 9 Page - White Electronic Designs Corporation |
9 / 11 page WV3HG64M72EER-D6 ADVANCED 9 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com White Electronic Designs August 2006 Rev. 1 30.50 (1.201) 29.85 (1.175) PIN 1 17.80 (0.700) TYP. 5.0 (0.197) TYP. 123.0 (4.843) TYP. 1.0 (0.039) TYP. 0.80 (0.032) TYP. 4.00 (0.158) (4X) PIN 120 FRONT VIEW 133.50 (5.256) 133.20 (5.244) 63.0 (2.480) TYP. 55.0 (2.165) TYP. 10.00(0.394 ) TYP. BACK VIEW PIN 240 PIN 121 1.37 (0.054) 1.17 (0.046) 4.0 (0.158) MAX 1.50 (0.059) 3.00 (0.118) (4X) 5.175 (0.204) (2X) PACKAGE DIMENSIONS FOR D6 * ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES) ORDERING INFORMATION FOR D6 Part Number Speed CAS Latency tRCD tRP Height* WV3HG64M72EER806D6 400MHz/800Mb/s 6 6 6 30.00mm (1.181") TYP WV3HG64M72EER665D6 333MHz/667Mb/s 5 5 5 30.00mm (1.181") TYP WV3HG64M72EER534D6 266MHz/533Mb/s 4 4 4 30.00mm (1.181") TYP WV3HG64M72EER403D6 200MHz/400Mb/s 3 3 3 30.00mm (1.181") TYP NOTES: • RoHS products. (“G” = RoHS Compliant) • Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x" in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others) • Consult factory for availability of industrial temperature (-40°C to 85°C) option |
Số phần tương tự - WV3HG64M72EER534D6SG |
|
Mô tả tương tự - WV3HG64M72EER534D6SG |