công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WV3HG64M72EER534D7MG bảng dữ liệu(PDF) 5 Page - White Electronic Designs Corporation |
|
WV3HG64M72EER534D7MG bảng dữ liệu(HTML) 5 Page - White Electronic Designs Corporation |
5 / 11 page WV3HG64M72EER-D7 February 2006 Rev. 2 PRELIMINARY 5 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com White Electronic Designs OPERATING TEMPERATURE CONDITION Parameter Symbol Rating Units Notes Operating temperature TOPER 0 to 85 °C 1, 2 Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDEC JESD51 .2 2. At 0 - 85°C, operation temperature range, all DRAM specification will be supported. INPUT DC LOGIC LEVEL All voltages referenced to VSS Parameter Symbol Min Max Unit Input High (Logic 1 ) Voltage VIH(DC) VREF + 0.1 25 VREF + 0.300 V Input Low (Logic 0) Voltage VIL(DC) -0.300 VREF - 0.125 V INPUT AC LOGIC LEVEL All voltages referenced to VSS Parameter Symbol Min Max Unit AC Input High (Logic 1 ) Voltage VIH(AC) VREF + 0.250 — V AC Input Low (Logic 0) Voltage DDR2-400 & DDR2-533 (DDR2-667 & DDR2-806) TBD VIL(AC) — VREF - 0.250 V |
Số phần tương tự - WV3HG64M72EER534D7MG |
|
Mô tả tương tự - WV3HG64M72EER534D7MG |