công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WV3HG64M64EEU534D6MG bảng dữ liệu(PDF) 8 Page - White Electronic Designs Corporation

tên linh kiện WV3HG64M64EEU534D6MG
Giải thích chi tiết về linh kiện  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU534D6MG bảng dữ liệu(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3HG64M64EEU534D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WV3HG64M64EEU-D6
December 2005
Rev. 0
ADVANCED
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS (cont'd)
0°C ≤ TCASE < +85°C; VCCQ = + 1.8V ± 0.1V, VCC = +1.8V ± 0.1V
AC CHARACTERISTICS
806
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Address and control input setup time
tIS
TBD
TBD
TBD
250
250
ps
Address and control input hold time
tIH
TBD
TBD
TBD
375
475
ps
CAS# to CAS# command delay
tCCD
TBD
TBD
TBD
22
tCK
ACTIVE to ACTIVE (same bank) command
tRC
TBD
TBD
TBD
55
55
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
TBD
TBD
TBD
7.5
7.5
ns
ACTIVE to READ or WRITE delay
tRCD
TBD
TBD
TBD
15
15
ns
Four Bank Activate period
tFAW
TBD
TBD
TBD
TBD
37.5
37.5
37.5
37.5
ACTIVE to PRECHARGE command
tRAS
TBD
TBD
TBD
TBD
45
70,000
45
70,000
ns
Internal READ to precharge command delay
tRTP
TBD
TBD
TBD
7.5
7.5
ns
Write recovery time
tWR
TBD
TBD
TBD
15
15
ns
Auto precharge write recovery + precharge time
tDAL
TBD
TBD
TBD
tWR + tRP
tWR + tRP
ns
Internal WRITE to READ command delay
tWTR
TBD
TBD
TBD
7.5
10
ns
PRECHARGE command period
tRP
TBD
TBD
TBD
15
15
PRECHARGE ALL command period
tRPA
TBD
TBD
TBD
tWR + tCK
tWR + tCK
ns
LOAD MODE command cycle time
tMRD
TBD
TBD
TBD
22
tCK
CKE low to CK,CK# uncertainty
tDELAY
TBD
TBD
TBD
tIS + tCK + tIH
tIS + tCK + tIH
ns
REFRESH to REFRESH command interval
tRFC
TBD
TBD
TBD
TBD
127.5
70,000
127.5
70,000
ns
Average periodic refresh interval
tREFI
TBD
TBD
TBD
TBD
7.8
7.8
µs
Exit self refresh to non-READ command
tXSNR
TBD
TBD
TBD
tRFC (MIN)
+ 10
tRFC (MIN)
+ 10
ns
Exit self refresh to READ command
tXSRD
TBD
TBD
TBD
200
200
tCK
Exit self refresh timing reference
tISXR
TBD
TBD
TBD
tIS
tIS
ps
ODT turn-on delay
tAOND
TBD
TBD
TBD
TBD
2222
tCK
ODT turn-on
tAON
TBD
TBD
TBD
TBD
tAC (MIN)
tAC (MAX)
+ 1000
tAC (MIN)
tAC (MAX)
+ 1000
ps
ODT turn-off delay
tAOFD
TBD
TBD
TBD
TBD
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
TBD
TBD
TBD
TBD
tAC (MIN)
tAC (MAX)
+ 600
tAC (MIN)
tAC (MAX)
+ 600
ps
ODT turn-on (power-down mode)
tAONPD
TBD
TBD
TBD
TBD
tAC (MIN) +
2000
2 x tCK +
tAC (MAX)
+ 1000
tAC (MIN) +
2000
2 x tCK +
tAC (MAX)
+ 1000
ps
ODT turn-off (power-down mode)
tAOFPD
TBD
TBD
TBD
TBD
tAC (MIN) +
2000
2.5 x tCK +
tAC (MAX)
+ 1000
tAC (MIN) +
2000
2.5 x tCK +
tAC (MAX)
+ 1000
ps
ODT to power-down entry latency
tANPD
TBD
TBD
TBD
33
tCK
ODT power-down exit latency
tAXPD
TBD
TBD
TBD
88
tCK
Exit active power-down to READ command,
MR[bit12=0]
tXARD
TBD
TBD
TBD
22
tCK
Exit active power-down to READ command,
MR[bit12=1]
tXARDS
TBD
TBD
TBD
6 - AL
6 - AL
tCK
A Exit precharge power-down to any non-READ
command.
tXP
TBD
TBD
TBD
22
tCK
CKE minimum high/low time
tCKE
TBD
TBD
TBD
33
tCK
NOTE:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.


Số phần tương tự - WV3HG64M64EEU534D6MG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG64M64EEU534D4IMG WEDC-WV3HG64M64EEU534D4IMG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU534D4ISG WEDC-WV3HG64M64EEU534D4ISG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU534D4MG WEDC-WV3HG64M64EEU534D4MG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU534D4SG WEDC-WV3HG64M64EEU534D4SG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Mô tả tương tự - WV3HG64M64EEU534D6MG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com