công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WV3HG64M64EEU534D4SG bảng dữ liệu(PDF) 5 Page - White Electronic Designs Corporation

tên linh kiện WV3HG64M64EEU534D4SG
Giải thích chi tiết về linh kiện  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU534D4SG bảng dữ liệu(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG64M64EEU534D4SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU534D4SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG64M64EEU-D4
May 2006
Rev. 2
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
INPUT/OUTPUT CAPACITANCE
TA = 25°C, f = 100MHz
Parameter
Symbol
Min
Max
Units
Input Capacitance (A0~A13, BA0~BA1, RAS#, CAS#, WE#)
CIN1
12
20
pF
Input Capacitance CKE0, ODT
CIN2
12
20
pF
Input Capacitance CS0#
CIN3
12
20
pF
Input Capacitance (CK0, CK0#, CK1, CK1#)
CIN4
812
pF
Input Capacitance (DM0 ~ DM7), (DQS0 ~ DQS7)
CIN5 (667)
6.5
7.5
pF
CIN5 (533)
6.5
8
pF
Input Capacitance (DQ0 ~ DQ63)
COUT1 (667)
6.5
7.5
pF
COUT1 (533)
6.5
8
pF
Notes:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating temperature
TOPER
0° to 85°
°C
1, 2
Notes:
1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measuremnet conditions, please refer to JEDED JESD51.2
2. At 0°C - 85°C, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH(DC)
VREF + 0.125
VCC + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage DDR2-400 & DDR2-533
VIH(DC)
VREF + 0.250
-
V
Input Low (Logic 1) Voltage DDR2-667
VIH(DC)
VREF + 0.200
-
V
Input Low (Logic 0) Voltage DDR2-400 & DDR2-533
VIL(DC)
-
VREF - 0.250
V
Input Low (Logic 0) Voltage DDR2-667
VIL(DC)
-
VREF - 0.200
V


Số phần tương tự - WV3HG64M64EEU534D4SG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG64M64EEU534D6GG WEDC-WV3HG64M64EEU534D6GG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU534D6MG WEDC-WV3HG64M64EEU534D6MG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU534D6SG WEDC-WV3HG64M64EEU534D6SG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
More results

Mô tả tương tự - WV3HG64M64EEU534D4SG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51UD8AJWA ELPIDA-EBE51UD8AJWA Datasheet
244Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com