công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WV3HG64M64EEU-D6 bảng dữ liệu(PDF) 7 Page - White Electronic Designs Corporation

tên linh kiện WV3HG64M64EEU-D6
Giải thích chi tiết về linh kiện  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU-D6 bảng dữ liệu(HTML) 7 Page - White Electronic Designs Corporation

Back Button WV3HG64M64EEU-D6 Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M64EEU-D6 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
WV3HG64M64EEU-D6
December 2005
Rev. 0
ADVANCED
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS
0°C ≤ TCASE < +85°C; VCCQ = + 1.8V ± 0.1V, VCC = +1.8V ± 0.1V
AC CHARACTERISTICS
806
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Clock cycle time
CL = 6
tCK (6)
TBD
TBD
ps
CL = 5
tCK (5)
TBD
TBD
TBD
TBD
ps
CL = 4
tCK (4)
TBD
TBD
TBD
TBD
3,750
8,000
5,000
8,000
ps
CL = 3
tCK (3)
TBD
TBD
TBD
TBD
5,000
8,000
5,000
8,000
ps
CK high-level width
tCH
TBD
TBD
TBD
TBD
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
TBD
TBD
TBD
TBD
0.45
0.55
0.45
0.55
tCK
Half clock period
tHP
TBD
TBD
TBD
MIN (tCH,
tCL)
MIN (tCH,
tCL)
ps
DQ output access time from CK/CK#
tAC
TBD
TBD
TBD
TBD
-500
+500
-600
+600
ps
Data-out high-impedance window from
CK/CK#
tHZ
TBD
TBD
TBD
TBD
tAC (MAX)
tAC (MAX)
ps
Data-out low-impedance window from
CK/CK#
tLZ
TBD
TBD
TBD
TBD
tAC (MIN)
tAC (MAX)
tAC (MIN)
tAC (MAX)
ps
DQ and DM input setup time relative to DQS
tDS
TBD
TBD
TBD
100
150
ps
DQ and DM input hold time relative to DQS
tDH
TBD
TBD
TBD
225
275
ps
A DQ and DM input pulse width (for each
input)
tDIPW
TBD
TBD
TBD
0.35
0.35
tCK
Data hold skew factor
tQHS
TBD
TBD
TBD
400
450
ps
DQ…DQS hold, DQS to first DQ to go
nonvalid, per access
tQH
TBD
TBD
TBD
tHP - tQHS
tHP - tQHS
ps
Data valid output window (DVW)
tDVW
TBD
TBD
TBD
tQH
- tDQSQ
tQH
- tDQSQ
ns
DQS input high pulse width
tDQSH
TBD
TBD
TBD
0.35
0.35
tCK
DQS input low pulse width
tDQSL
TBD
TBD
TBD
0.35
0.35
tCK
DQS output access time from CK/CK#
tDQSCK
TBD
TBD
TBD
TBD
-450
+450
-500
+500
ps
DQS falling edge to CK rising … setup time
tDSS
TBD
TBD
TBD
0.2
0.2
tCK
DQS falling edge from CK rising … hold time
tDSH
TBD
TBD
TBD
0.2
0.2
tCK
DQS…DQ skew, DQS to last DQ valid, per
group,
per access
tDQSQ
TBD
TBD
TBD
300
350
ps
DQS read preamble
tRPRE
TBD
TBD
TBD
TBD
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
TBD
TBD
TBD
TBD
0.4
0.6
0.4
0.6
tCK
DQS write preamble setup time
tWPRES
TBD
TBD
TBD
00
ps
DQS write preamble
tWPRE
TBD
TBD
TBD
0.35
0.35
tCK
DQS write postamble
tWPST
TBD
TBD
TBD
TBD
0.4
0.6
0.4
0.6
tCK
Write command to first DQS latching
transition
tDQSS
TBD
TBD
TBD
TBD
WL
- 0.25
WL +
0.25
WL
- 0.25
WL +
0.25
tCK
Address and control input pulse width for
each input
tIPW
TBD
TBD
TBD
0.6
0.6
tCK
NOTE:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.
Continued on next page


Số phần tương tự - WV3HG64M64EEU-D6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Mô tả tương tự - WV3HG64M64EEU-D6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com