công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-330 bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện STK672-330
Giải thích chi tiết về linh kiện  Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-330 bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  STK672-330 Datasheet HTML 1Page - Sanyo Semicon Device STK672-330 Datasheet HTML 2Page - Sanyo Semicon Device STK672-330 Datasheet HTML 3Page - Sanyo Semicon Device STK672-330 Datasheet HTML 4Page - Sanyo Semicon Device STK672-330 Datasheet HTML 5Page - Sanyo Semicon Device STK672-330 Datasheet HTML 6Page - Sanyo Semicon Device STK672-330 Datasheet HTML 7Page - Sanyo Semicon Device STK672-330 Datasheet HTML 8Page - Sanyo Semicon Device STK672-330 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 7304-2/11
STK672-330
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
–0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
–0.3 to +7.0
V
Output current
IOH max
VDD = 5 V, CLOCK ≥ 200 Hz
2.65
A
Repeated avalanche capacity
Ear max
28
mJ
Power loss
Pd max
With an arbitrarily large heat sink. Per MOSFET
6.5
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Maximum Rating at Tc = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC
With signals applied
10 to 42
V
Supply voltage 2
VDD
With signals applied
5.0 ± 5%
V
Input voltage
VIH
0 to VDD
V
Phase current 1
IOH1
Tc = 105°C, CLOCK
≥ 200 Hz
1.8
A
Phase current 2
IOH2
Tc = 80°C, CLOCK
≥ 200 Hz
2.1
A
See the motor current (IOH) derating curve
Clock frequency
fCL
Minimum pulse width: at least 10 µs
0 to 50
kHz
Phase driver withstand voltage
VDSS
ID = 1 mA (Tc = 25°C)
100 min
V
Recommended operating substrate temperature range
Tc
No condensation
0 to 105
°C
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD supply current
ICCO
CLOCK = GND
3.1
7
mA
Output current
Ioave
With R/L = 3
Ω/3.8 mH in each phase
0.36
0.40
0.44
A
Vref = 0.137 V
FET diode forward voltage
Vdf
If = 1 A (RL = 23 Ω)
1.2
1.8
V
Output saturation voltage
Vsat
RL = 23 Ω
0.70
1.00
V
High-level input voltage
VIH
Pins 8 to 12 (5 pins)
2.5
V
Low-level input voltage
VIL
Pins 8 to 12 (5 pins)
0.6
V
Input current
IIL
With pins 8 to 12 at the ground level.
10
µA
Vref input voltage
VrH
Pin 7
0
3.5
V
Vref input bias current
IIB
With pin 7 at 1 V
50
500
nA
PWM frequency
fc
35
45
55
kHz
Electrical Characteristics at Tc = 25°C, VCC = 24 V, VDD = 5 V
Note: A fixed-voltage power supply must be used.


Số phần tương tự - STK672-330

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
logo
ON Semiconductor
STK672-340-E ONSEMI-STK672-340-E Datasheet
100Kb / 13P
   Unipolar Fixed-Current Chopper
June, 2013
More results

Mô tả tương tự - STK672-330

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
   3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com