công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACTQ541 bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ACTQ541
Giải thích chi tiết về linh kiện  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ541 bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

  54ACTQ541 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ541 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ541 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ541 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ541 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ541 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ541 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MV54ACTQ541-X REV 0A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 OHMS, TR & TF=3.0ns, Temp range: -55C to +125C.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tpLH
Propagation Delay
VCC=4.5V
3,
4, 7
Dn to
On
2.0
8.0
ns
9
3,
4, 7
Dn to
On
2.0
9.0
ns
10, 11
tpHL
Propagation Delay
VCC=4.5V
3,
4, 7
Dn to
On
2.0
8.0
ns
9
3,
4, 7
Dn to
On
2.0
9.0
ns
10, 11
tpZH
Output Enable
Time
VCC=4.5V
3,
4, 7
OE to
On
1.5
8.0
ns
9
3,
4, 7
OE to
On
1.5
9.5
ns
10, 11
tpZL
Output Enable
Time
VCC=4.5V
3,
4, 7
OE to
On
1.5
10.0
ns
9
3,
4, 7
OE to
On
1.5
11.5
ns
10, 11
tpHZ
Output Disable
Time
VCC=4.5V
3,
4, 7
OE to
On
1.5
8.0
ns
9
3,
4, 7
OE to
On
1.5
9.5
ns
10, 11
tpLZ
Output Disable
Time
VCC=4.5V
3,
4, 7
OE to
On
1.5
8.0
ns
9
3,
4, 7
OE to
On
1.5
9.5
ns
10, 11
Note 1:
SCREEN TESTED 100% ON EACH DEVICE AT +25C & +125C TEMPERATURE, SUBGROUPS 1, 2, 7, &
8.
Note 2:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG. LOT AT +25C, +125C & -55C
TEMPERATURE, SUBGROUPS A1, 2, 3, 7, & 8.
Note 3:
SCREEN TESTED 100% ON EACH DEVICE AT +25C TEMPERATURE ONLY SUBGROUP A9.
Note 4:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG. LOT AT +25C, +125C, -55C
TEMPERATURE, SUBGROUPS A9, 10 & 11.
Note 5:
TRANSMISSION LINE DRIVING TEST, GUARDBANDED LIMITS SET FOR +25C, 2 MSEC DURATION MAX.
Note 6:
GUARANTEED BUT NOT TESTED. (DESIGN CHARACTERIZATION DATA)
Note 7:
MIN LIMITS GUARANTEED FOR 5.5V BY GUARDBANDING 4.5V MINIMUM LIMITS.
Note 8:
MAX NUMBER OF OUTPUTS DEFINED AS (N).
DATA INPUTS ARE DRIVEN 0V TO 3V. ONE OUTPUT @
VOL.
Note 9:
MAX NUMBER OF DATA INPUTS (N) SWITCHING. (N-1) INPUTS SWITCHING 0V TO 3V.
INPUT-UNDER-TEST SWITCHING 3V TO THRESHOLD (VILD), 0V TO THRESHOLD (VIHD), FREQ= 1
MHZ.
6


Số phần tương tự - 54ACTQ541

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Mô tả tương tự - 54ACTQ541

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com