công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES-4A-P2CQ-A5S bảng dữ liệu(PDF) 1 Page - DB Lectro Inc |
|
ES-4A-P2CQ-A5S bảng dữ liệu(HTML) 1 Page - DB Lectro Inc |
1 / 5 page ES40-T Sealed Sub-Miniature Toggle Switches FEATURE 1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard 2. Carry the IP67 approvals 3. The ESD protection available - Anti-static plastic actuator -9000 V DC static resistance between toggle and terminal. SPECIFICATIONS CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC ELECTRICAL LIFE:30,000 make-and-break cycles at full load CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA INSULATION RESISTANCE: 1,000 M min. DIELECTRIC STRENGTH: 1,500 V RMS @ sea level. ESD Resistant Option : P2 insulating actuator only:9,000 VDC min. @ sea level,actuator to terminals. DEGREE OF PROTECTION : IP67 OPERATING TEMPERATURE: -30 Cto85 C MATERIALS CASE and BUSHING - glass filled nylon 4/6,flame retardant heat stabilized (UL94V-0) Actuator - Brass , chrome plated,internal o-ring seal standard with all actuators P2 / the anti-static actuator: Nylon 6/6,black standard(UL 94V-0) CONTACT AND TERMINAL - Brass , silver plated SWITCH SUPPORT - Brass , tin-lead TERMINAL SEAL - Epoxy IP 67 protection degree How do you build the switches you need!! The ES-4 / ES-5 , please see the (A) ; The ES-6/ES-7/ES-8/ES-9, please see the (B) (A) ES 4 P 2 C A5 R Switch Funtction Actuator Termination Vertical support Bracket ES-4 ES-4B ES-4A ES-4H ES-4I ES-5 ES-5B ES-5A ES-5H ES-5I SP on-none-on SP on-none-(on) SP on-off-on SP (on)-off-(on) SP on-off-(on) DP on-none-on DP on-none-(on) DP on-off-on DP (on)-off-(on) DP on-off-(on) T1 T2 T3 T4 T5 Std. 10.57 Std. 6.10 8.13 13.97 3.5 ESD protection actuator P2 P21 (std - black) 6.10 (white) 6.10 C (std) P.C Contact Material Q silver plated R gold plated G gold over silver K gold / tin-lead (none) A5 straight type A5S (std.) snap-in type (B) ES 6 T 2 R S Actuator Support Bracket type T1 T2 T3 T4 T5 ESD protection actuator P2 P21 (std - black) 6.10 (white) 6.10 Contact Material Q silver plated R gold plated G gold over silver K gold / tin-lead Horizon Right Angle Vertical Right Angle Switches Function ES-6 ES-6B ES-6A ES-6H ES-6I ES-7 ES-7B ES-7A ES-7H ES-7I ES-8 ES-8B ES-8A ES-8H ES-8I ES-9 ES-9B ES-9A ES-9H ES-9I SP on-none-on SP on-none-(on) SP on-off-on SP (on)-off-(on) SP on-off-(on) DP on-none-on DP on-none-(on) DP on-off-on DP (on)-off-(on) DP on-off-(on) 10.57 Std. 6.10 8.13 13.97 3.5 S (std.) Snap-in type (none) straight type DB LECTRO Inc. DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 |
Số phần tương tự - ES-4A-P2CQ-A5S |
|
Mô tả tương tự - ES-4A-P2CQ-A5S |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |