công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZP-2026Z bảng dữ liệu(PDF) 2 Page - SIRENZA MICRODEVICES

tên linh kiện SZP-2026Z
Giải thích chi tiết về linh kiện  2.2-2.7GHz 2W InGaP Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIRENZA [SIRENZA MICRODEVICES]
Trang chủ  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-2026Z bảng dữ liệu(HTML) 2 Page - SIRENZA MICRODEVICES

  SZP-2026Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
2
EDS-104611 Rev C
Preliminary
SZP-2026Z 2.2-2.7GHz 2W Power Amp
Typical Performance 2.4-2.5GHz App Circuit (Vcc=5V, Icq=445mA, * 802.11g 54Mb/s 64QAM)
Parameter
Units
2.4GHz
2.5GHz
Gain
dB
13.3
13.0
P1dB
dBm
33.5
33.3
Pout @ 2.5% EVM*
dBm
26
26
Current @ Pout 2.5% EVM*
mA
550
545
Input Return Loss
dB
16
12
Output Return Loss
dB
16
16
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
Typical Performance 2.5-2.7GHz - Refer to page 1 table
1
2
3
6
5
4
VBIAS
RFIN
VPC
VDET
RFOUT/VCC
NC
Bias
GND
GND
Absolute Maximum Ratings
Parameters
Value
Unit
VC1 Collector Bias Current (IVC1)
1500
mA
**Device Voltage (Vcc)
7.0
V
Power Dissipation
6
W
Operating Lead Temperature (TL)
-40 to +85
ºC
*Max RF output Power for 50 ohm contin-
uous long term operation
30
dBm
Max RF Input Power for 50 ohm output
load
28
dBm
Max RF Input Power for 10:1 VSWR out-
put load
23
dBm
Storage Temperature Range
-40 to +150
ºC
Operating Junction Temperature (TJ)
+150
ºC
ESD Human Body Model
1000
V
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation
the device voltage and current must not exceed the maximum
operating values specified in the table on page one.
Bias conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH’ j-l
Simplified Device Schematic
Pin Out Description
Pin #
Function
Description
1
VBIAS
This is the supply voltage for the active bias circuit.
2
RFIN
This is the RF input pin and has a DC voltage present. An external DC block is required.
3
VPC
Power up/down control pin. The voltage on this pin should never exceed the voltage on pin 3 by
more than 0.5V unless the supply current from pin 3 is limited < 10mA.
4
VDET
This is the output port for the power detector. It samples the power at the input of the amplifier.
5
RFOUT/VCC
This is the RF output pin and DC connection to the collector.
6
NC
This pin is not connected internal to the package. Buss it to pin 5 as shown on the app circuit to
achieve the specified performance.
GND
GND
These pins are DC connected to the backside paddle. They provide good thermal connection to the
backside paddle for hand soldering and rework. Many thermal and electrical GND vias are recom-
mended as shown in the landing pattern.
* With specified application circuit.
** No RF Drive


Số phần tương tự - SZP-2026Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
SZP-5026Z-EVB1 SIRENZA-SZP-5026Z-EVB1 Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
SZP-5026Z-EVB2 SIRENZA-SZP-5026Z-EVB2 Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
More results

Mô tả tương tự - SZP-2026Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com