công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZP-2026Z bảng dữ liệu(PDF) 1 Page - SIRENZA MICRODEVICES

tên linh kiện SZP-2026Z
Giải thích chi tiết về linh kiện  2.2-2.7GHz 2W InGaP Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIRENZA [SIRENZA MICRODEVICES]
Trang chủ  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-2026Z bảng dữ liệu(HTML) 1 Page - SIRENZA MICRODEVICES

  SZP-2026Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product
for use in life-support devices and/or systems.
Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
1
EDS-104611 Rev C
Preliminary
Sirenza Microdevices’ SZP-2026Z is a high linearity single
stage class AB Heterojunction Bipolar Transistor (HBT)
amplifier housed in a proprietary surface-mountable plastic
encapsulated package. This HBT amplifier is made with
InGaP on GaAs device technology and fabricated with
MOCVD for an ideal combination of low cost and high reli-
ability.
This product is specifically designed as a flexible final or
driver stage for 802.16 and 802.11 equipment in the 2.2-
2.7GHz bands. It can run from a 3V to 6V supply. It is pre-
matched to ~5 ohms on the input for broadband perfor-
mance and ease of matching at the board level. It features
an output power detector, on/off power control, ESD protec-
tion, excellent overall robustness and a proprietary hand
reworkable and thermally enhanced SOF-26 package. This
product features a RoHS Compliant and Green package
with matte tin finish, designated by the ‘Z’ suffix.
Key Specifications
Symbol
Parameters: Test Conditions, 2.5-2.7GHz App circuit,
Z0 = 50Ω, VCC = 5.0V, Iq = 445mA, TBP = 30ºC
Unit
Min.
Typ.
Max.
fO
Frequency of Operation
MHz
2200
2700
P1dB
Output Power at 1dB Compression – 2.7GHz
dBm
31.5
33
S21
Small Signal Gain – 2.7GHz
dB
11.3
12.8
Pout
Output power at 2.5% EVM 802.11g 54Mb/s - 2.5GHz
dBm
26.2
IM3
Third Order Suppression (Pout=23dBm per tone) - 2.7GHz
dBc
-45
-42
NF
Noise Figure at 2.7GHz
dB
4.3
IRL
Worst Case Input Return Loss 2.5-2.7GHz
dB
8
12
ORL
Worst Case Output Return Loss 2.5-2.7GHz
8
12
Vdet Range
Output Voltage Range for Pout=10dBm to 33dBm
V
0.85 to 1.4
Icq
Quiescent Current (Vcc = 5V)
mA
395
445
495
IVPC
Power Up Control Current (Vpc = 5V)
mA
2.1
Ileak
Vcc Leakage Current (Vcc = 5V, Vpc = 0V)
µA
10
Rth, j-l
Thermal Resistance (junction - lead)
ºC/W
12
Functional Block Diagram
SZP-2026Z
2.2-2.7GHz 2W InGaP Amplifier
Product Features
Applications
P1dB = 33.5dBm @ 5V, 2.4GHz
802.11g 54Mb/s Class AB Performance
Pout = 26dBm @ 2.5%EVM, Vcc 5V
Pout = 27dBm @ 2.5% EVM, Vcc 6V
On-chip Output Power Detector
Input Prematched to ~5 ohms
Proprietary Low Thermal Resistance Package
Hand Solderable and Easy Rework
Power up/down control < 1µs
802.16 WiMAX Driver or Output Stage
2.4GHz 802.11 WLAN and ISM Applications
Product Description
Proprietary SOF-26 Package
Active
Bias
RFIN
RFOUT
Power
Detector
Vbias = 5V
Power
Up/Down
Control
Vcc = 5V
SZP-2026
Pb
RoHS Compliant
&
Package
Green


Số phần tương tự - SZP-2026Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
SZP-5026Z-EVB1 SIRENZA-SZP-5026Z-EVB1 Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
SZP-5026Z-EVB2 SIRENZA-SZP-5026Z-EVB2 Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
More results

Mô tả tương tự - SZP-2026Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com