công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8692ARZ-REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD8692ARZ-REEL7
Giải thích chi tiết về linh kiện  Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8692ARZ-REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD8692ARZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost, High Performance, CMOS
Rail-to-Rail Output Operational Amplifier
AD8692
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Offset voltage: 400 µV typ
Low offset voltage drift: 6 µV/°C maximum
Very low input bias currents: 1 pA maximum
Low noise: 8 nV/
√Hz
Low
distortion: 0.0006%
Wide bandwidth: 10 MHz
Unity gain stable
Single-supply operation: 2.7 V to 6 V
APPLICATIONS
Photodiode amplification
Battery-powered instrumentation
Medical instruments
Multipole filters
Sensors
Portable audio devices
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8692
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP Pin Configuration
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8692
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC Pin Configuration
GENERAL DESCRIPTION
The AD8692 is a low cost, dual rail-to-rail output, single-supply
amplifier featuring low offset voltage, low input voltage and
current noise, and wide signal bandwidth. The combination of
low offset, low noise, very low input bias currents, and high
speed makes this amplifier useful in a wide variety of applica-
tions. Filters, integrators, photodiode amplifiers, and high
impedance sensors all benefit from the combination of
performance features. Audio and other ac applications benefit
from the wide bandwidth and low distortion.
Applications for this amplifier include PA controls, laser diode
control loops, portable and loop-powered instrumentation,
audio amplification for portable devices, and ASIC input and
output amplifiers.
The AD8692 is specified over the extended industrial tempera-
ture range of −40°C to +125°C. The AD8692 is available in the
micro-SOIC and 8-lead narrow SOIC surface-mount packages.


Số phần tương tự - AD8692ARZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results

Mô tả tương tự - AD8692ARZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMC272 NSC-LMC272 Datasheet
458Kb / 16P
   CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
logo
Analog Devices
AD8661 AD-AD8661 Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com