công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73855T bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện MCP73855T
Giải thích chi tiết về linh kiện  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855T bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button MCP73855T Datasheet HTML 6Page - Microchip Technology MCP73855T Datasheet HTML 7Page - Microchip Technology MCP73855T Datasheet HTML 8Page - Microchip Technology MCP73855T Datasheet HTML 9Page - Microchip Technology MCP73855T Datasheet HTML 10Page - Microchip Technology MCP73855T Datasheet HTML 11Page - Microchip Technology MCP73855T Datasheet HTML 12Page - Microchip Technology MCP73855T Datasheet HTML 13Page - Microchip Technology MCP73855T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP73853/55
DS21915A-page 10
 2004 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Voltage Regulation Selection
(VSET)
Connect to VSS for 4.1V regulation voltage. Connect to
VDD for 4.2V regulation voltage.
3.2
Battery Management Input Supply
(VDD1, VDD2)
A supply voltage of [VREG(Typ) + 0.3V] to 5.5V is
recommended. Bypass to VSS with a minimum of
4.7 µF.
3.3
Battery Management 0V Reference
(VSS1, VSS2, VSS3)
Connect to negative terminal of battery.
3.4
Current Regulation Set (PROG)
Preconditioning, fast and termination currents are
scaled by placing a resistor from PROG to VSS.
3.5
Cell Temperature Sensor Bias
(THREF)
THREF is a voltage reference to bias external
thermistor for continuous cell temperature monitoring
and pre-qualification.
3.6
Cell Temperature Sensor Input
(THERM)
Input for an external thermistor for continuous cell-
temperature monitoring and prequalification. Connect
to THREF/3 to disable temperature sensing.
3.7
Timer Set (TIMER)
All safety timers are scaled by CTIMER/0.1 µF.
3.8
Battery Charge Control Output
(VBAT1, VBAT2)
Connect to positive terminal of battery. Drain terminal
of internal P-channel MOSFET pass transistor. Bypass
to VSS with a minimum of 4.7 µF to ensure loop stability
when the battery is disconnected.
3.9
Battery Voltage Sense (VBAT3)
Voltage sense input. Connect to positive terminal of
battery. A precision internal resistor divider regulates
the final voltage on this pin to VREG.
3.10
Logic Enable (EN)
Input to force charge termination, initiate charge, clear
faults or disable automatic recharge.
3.11
Fault Status Output (STAT2)
Current-limited, open-drain drive for direct connection
to a LED for charge status indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller.
3.12
Charge Status Output (STAT1)
Current-limited, open-drain drive for direct connection
to a LED for charge status indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller.
MCP73853
MCP73855
Sym
Description
12
VSET
Voltage Regulation Selection
23
VDD1
Battery Management Input Supply
3—
VDD2
Battery Management Input Supply
44
VSS1
Battery Management 0V Reference
5
5
PROG
Current Regulation Set
6
THREF
Cell Temperature Sensor Bias
7
THERM
Cell Temperature Sensor Input
86
TIMER
Timer Set
9—
VSS3
Battery Management 0V Reference
10
8
VBAT1
Battery Charge Control Output
11
9
VBAT2
Battery Charge Control Output
12
VBAT3
Battery Voltage Sense
13
7
VSS2
Battery Management 0V Reference
14
10
EN
Logic Enable
15
STAT2
Fault Status Output
16
1
STAT1
Charge Status Output


Số phần tương tự - MCP73855T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73855T MICROCHIP-MCP73855T Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73855T-I MICROCHIP-MCP73855T-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73855T-MF MICROCHIP-MCP73855T-MF Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
More results

Mô tả tương tự - MCP73855T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73830 MICROCHIP-MCP73830_V01 Datasheet
1Mb / 24P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com