công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
YWW7640I bảng dữ liệu(PDF) 10 Page - IC MICROSYSTEMS |
|
YWW7640I bảng dữ liệu(HTML) 10 Page - IC MICROSYSTEMS |
10 / 14 page X76F400 Characteristics subject to change without notice. 10 of 14 REV 1.0 7/5/00 www.icmic.com Nonvolatile Write Cycle Timing Note: (1)tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used. Bus Timing Write Cycle Timing RST Timing Diagram—Response to a Synchronous Reset Symbol Parameter Min. Typ. (1) Max. Unit tWC(1) Write cycle time 5 10 ms tSU:STA tHD:STA tHD:DAT tSU:DAT tLOW tSU:STO tR tBUF SCL SDA IN SDA OUT tDH tAA tF tHIGH SCL SDA tWC 8 th Bit of Last Byte ACK STOP Condition START Condition tRST tNOL tHIGH_RST tLOW_RST tCDV tRDV tSU:RST Data Bit (1) Data Bit (2) 1 st CLK Pulse 2 nd CLK Pulse 3 rd CLK Pulse I/O CLK RST tNOL |
Mô tả tương tự - YWW7640I |