công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP-UART-IC bảng dữ liệu(PDF) 11 Page - Siemens Semiconductor Group

tên linh kiện TP-UART-IC
Giải thích chi tiết về linh kiện  TP-UART-IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART-IC bảng dữ liệu(HTML) 11 Page - Siemens Semiconductor Group

Back Button TP-UART-IC Datasheet HTML 7Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 8Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 9Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 10Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 11Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 12Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 13Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 14Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
11
The UART-interface works with a clock frequency of 307,2 kHz, if it is chosen 9.6 kbaud (32
sample spots per bit), or 614,4 kHz, if it is chosen 19.2 kbaud (32 sample spots per bit).
3.2.2 Resetbehavior
After connecting the operating voltage the TP-UART-IC generates an active reset
(level 0 V) at pin RESn. This is valid for all modes. If Normal Mode is activated the following
will happen at the UART-interface.
TxD will be 0 as long as there was no bus signal on the EIB for 40 Tbit (1 Tbit = 1/9600 s;
Attention: The bittime of RxD/TxD depends on the adjusted baudrate at the UART-interface,
for example 1 Tbit or 0,5 Tbit). This results in a complete time of 40 Tbit + 12 Tbit = 5,42 ms.
Then TxD changes for 1 Tbit to 1 and following the service TPUART-Reset.Indication is
transmitted. This signal behavior on TxD appears after each reset.
3.2.3 UART-Protocol Definition
The protocol between TP-UART-IC and the application controller is a two wire protocol with
software handshake. Each data byte transmitted to the TP-UART-IC is started with a control
byte. Each data byte received on the EIB is transparently transmitted through the TP-UART-
IC and is therefore started with the EIB control field. Additional Information from the TP-
UART-IC is transmitted with an ESC code on the EIB control field. The host controller which
is connected to the TP-UART-IC needs to detect a receive time-out of 2 to 2,5 ms to detect
an end of Packet.
3.2.3.1 Services to UART
The following Services are supported from the TP-UART-IC.
• U_Reset.request
• U_State.request
• U_Activate Busmonitor
• U_AckInformation (Nack, Busy, Addressed)
• U_L_DataStart
+ CTRL-Byte
• U_L_DataContinue (index)
+ Data-Byte
• U_L_DataEnd
+ Checksum
• U_PollingState (Slotnumber)
+ PollAddrHigh + PollAddrLow + State
UART-Control Field Servicename
Hexadecimal
7 6 5 4 3 2 1 0
0 0 0 0 0 0 0 1 U_Reset.request
01
0 0 0 0 0 0 1 0 U_State.request
02
0 0 0 0 0 1 0 1 U_ActivateBusmon
05
0 0 0 1 0 X X X U_AckInformation
10 - 17
xxx: Nack,Busy,Addressed
1 0 0 0 0 0 0 0 U_L_DataStart
80
1 0 i
i
i
i i
i U_L_DataContinue
81 - BE
i = Index
1 .. 62
0 1 l
l
l
l l
l U_L_DataEnd
47 - 7F
l = last index + 1
7 .. 63
1 1 1 0 s s s s U_PollingState
E0 - EF
s = Slotnumber
0 .. 14


Số phần tương tự - TP-UART-IC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-100A ASTRODYNE-TP-100A Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
More results

Mô tả tương tự - TP-UART-IC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
   USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
   BMS Transceiver IC - UART toiso UART
2020-05-20
logo
Future Technology Devic...
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
logo
Infineon Technologies A...
TLE9015DQU INFINEON-TLE9015DQU Datasheet
967Kb / 26P
   iso UART transceiver IC
Rev. 1.0 2022-01-24
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com