công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC9708CCN bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC9708CCN
Giải thích chi tiết về linh kiện  6-Channel 8-Bit uP Compatible A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC9708CCN bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  ADC9708CCN Datasheet HTML 1Page - National Semiconductor (TI) ADC9708CCN Datasheet HTML 2Page - National Semiconductor (TI) ADC9708CCN Datasheet HTML 3Page - National Semiconductor (TI) ADC9708CCN Datasheet HTML 4Page - National Semiconductor (TI) ADC9708CCN Datasheet HTML 5Page - National Semiconductor (TI) ADC9708CCN Datasheet HTML 6Page - National Semiconductor (TI) ADC9708CCN Datasheet HTML 7Page - National Semiconductor (TI) ADC9708CCN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH10409
October 1991
ADC9708
6-Channel 8-Bit mP Compatible AD Converter
General Description
The ADC9708 is a single slope 8-bit 6-channel ADC sub-
system that provides all of the necessary analog functions
for a microprocessor-based data control system The device
uses an external microprocessor system to provide the nec-
essary addressing timing and counting functions and in-
cludes a 1-of-8 decoder 8-channel analog multiplexer sam-
ple and hold ramp integrator precision ramp reference and
a comparator on a single monolithic chip
Features
Y
MPU compatible
Y
Excellent linearity over full temperature
range g02% maximum
Y
Typical 300 ms conversion time per channel
Y
Wide dynamic range includes ground
Y
Auto-zero and full-scale correction capability
Y
Ratiometric conversionno precision reference
required
Y
Single-supply operation
Y
TTL compatible
Y
Does not require access to data bus or address bus
Connection Diagram
All Packages
TLH10409 – 2
(Top View)
Ordering Information
Commercial (0 C s TA s 70 C)
Package
ADC9708CCN
N16E
ADC9708CCJ
J16A
Military (b55 C s TA s 125 C)
Package
ADC9708CMJ
J16A
Block Diagram
TLH10409 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Số phần tương tự - ADC9708CCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADC908AX ETC1-ADC908AX Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908BX ETC1-ADC908BX Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908EX ETC1-ADC908EX Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908FP ETC1-ADC908FP Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
ADC908FS ETC1-ADC908FS Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
More results

Mô tả tương tự - ADC9708CCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
UA9708 NSC-UA9708 Datasheet
203Kb / 6P
   6-CHANNEL 8-BIT uP COMPATIBLE A/D CONVERTER
logo
Fujitsu Component Limit...
MB4053 FUJITSU-MB4053 Datasheet
135Kb / 17P
   6-Channel 8-BIT A/D Converter
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
   8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
National Semiconductor ...
ADC0841 NSC-ADC0841 Datasheet
380Kb / 16P
   8-Bit P Compatible A/D Converter
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
logo
National Semiconductor ...
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com