AZ100LVE310
March 2002 * REV - 3
www.azmicrotek.com
4
PACKAGE DIAGRAM
PLCC 28
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
12.32
12.57
0.485
0.495
B
12.32
12.57
0.485
0.495
C
4.20
4.57
0.165
0.180
E
2.29
2.79
0.090
0.110
F
0.33
0.48
0.013
0.019
G
1.27 BSC
0.050 BSC
H
0.66
0.81
0.026
0.032
J
0.51
0.020
K
0.64
0.025
R
11.43
11.58
0.450
0.456
U
11.43
11.58
0.450
0.456
V
1.07
1.21
0.042
0.048
W
1.07
1.21
0.042
0.048
X
1.07
1.42
0.042
0.056
T
0.50
0.020
Z
2O
10O
2O
10O
G1
10.42
10.92
0.410
0.430
K1
1.02
0.040
NOTES:
1.
DATUMS –L-, -M-, AND –N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2.
DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM –T-, SEATING PLANE.
3.
DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALOWABLE MOLD FLASH IS
0.010mm (0.250in.) PER SIDE.
4.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5.
CONTROLLING DIMENSION: INCH.
6.
THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKGE BOTTOM BY UP TO 0.012mm
(0.300in.). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, THE BAR
BURRS, GATE BURRS AND INTERLEAD FLASH,
BUT INCLUDING ANY MISMATCH BETWEEN
THE TOP AND BOTTOM OF THE PLASTIC
BODY.
7.
DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE SMALLER THAN 0.025mm
(0.635in.).