công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16843DGG bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện 74ALVCH16843DGG
Giải thích chi tiết về linh kiện  18-bit bus-interface D-type latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16843DGG bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16843DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16843
18-bit bus interface D-type latch (3-State)
1998 Aug 04
7
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7V
UNIT
MIN
TYP1
MAX
Propagation delay
nDn to nQn
1, 6
1.0
2.2
4.3
tPHL/tPLH
Propagation delay
nLE to nQn
2, 6
1.0
2.3
4.6
ns
tPHL/tPLH
Propagation delay
nPRE to nQn
1, 6
1.0
2.5
4.8
ns
Propagation delay
nCLR to nQn
1, 6
1.0
2.5
4.8
tPZH/tPZL
3-State output enable time
nOE to nQn
5, 6
1.0
2.8
5.8
ns
tPHZ/tPLZ
3-State output disable time
nOE to nQn
5, 6
1.1
2.2
4.3
ns
tSU
Set-up time nDn to nLE
3, 6
0.5
–0.1
ns
th
Hold time nDn to nLE
3, 6
0.9
0.5
ns
nLE pulse width HIGH
2, 6
1.5
0.5
tW
nPRE pulse width LOW
4, 6
1.5
0.5
ns
nCLR pulse width LOW
4, 6
1.5
0.5
tREM
Recovery time nPRE to nLE
4, 6
0.5
1.1
ns
tREM
Recovery time nCLR to nLE
4, 6
0.5
1.0
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
Propagation delay
nDn to nQn
1, 6
1.0
2.1
3.5
1.0
2.3
4.0
tPHL/tPLH
Propagation delay
nLE to nQn
2, 6
1.0
2.0
3.5
1.0
2.1
3.9
ns
tPHL/tPLH
Propagation delay
nPRE to nQn
1, 6
1.0
2.2
3.8
1.0
2.6
4.5
ns
Propagation delay
nCLR to nQn
1, 6
1.0
2.3
3.9
1.0
2.5
4.3
tPZH/tPZL
3-State output enable time
nOE to nQn
5, 6
1.0
2.5
4.4
1.0
3.0
5.3
ns
tPHZ/tPLZ
3-State output disable time
nOE to nQn
5, 6
1.3
2.6
4.0
1.3
2.8
4.4
ns
tSU
Set-up time nDn to nLE
3, 6
0.5
0.0
0.5
–0.3
ns
th
Hold time nDn to nLE
3, 6
0.9
0.5
0.9
0.5
ns
nLE pulse width HIGH
2, 6
1.5
0.5
1.5
0.5
tW
nPRE pulse width LOW
4, 6
1.5
0.5
1.5
0.6
ns
nCLR pulse width LOW
4, 6
1.5
0.5
1.5
0.5
tREM
Recovery time nPRE to nLE
4, 6
1.0
0.4
0.8
–0.2
ns
tREM
Recovery time nCLR to nLE
4, 6
0.8
0.2
0.6
–0.4
ns
NOTES:
1. All typical values are measured Tamb = 25°C.
2. Typical value is measured at VCC = 3.3V


Số phần tương tự - 74ALVCH16843DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16843DGG NEXPERIA-74ALVCH16843DGG Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
More results

Mô tả tương tự - 74ALVCH16843DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Nexperia B.V. All right...
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29844 TI1-SN74BCT29844 Datasheet
99Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OURPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com