công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16827 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74ALVCH16827
Giải thích chi tiết về linh kiện  20-bit buffer/line driver, non-inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16827 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74ALVCH16827 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH16827
20-bit buffer/line driver, non-inverting (3-State)
2
1998 Jul 27
853-2096 19785
FEATURES
Wide supply voltage range of 1.2V to 3.6V
Complies with JEDEC standard no. 8-1A
Wide supply voltage range of 1.2V to 3.6V
CMOS low power consumption
Direct interface with TTL levels
Universal bus transceiver with D-type latches and D-type flip-flops
capable of operating in transparent, latched, clocked or
clocked-enabled mode.
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple V
CC and GND pins for minimum noise
and ground bounce
Current drive ±24 mA at 3.0 V
All inputs have bus hold circuitry
Output drive capability 50Ω transmission lines @ 85°C
3-State non-inverting outputs for bus oriented applications
DESCRIPTION
The 74ALVCH16827 is a 20-bit non-inverting buffer/driver with
3-State outputs for bus oriented applications.
The 74ALVCH16827 consists of two 10-bit sections with separate
output enable signals. For either 10-bit buffer section, the two output
enable (1OE1 and 1OE2 or 2OE1 and 2OE2) inputs must both be
active. If either output enable input is high, the outputs of that 10-bit
buffer section are in high impedance state.
The 74ALVCH16827 has active bus hold circuitry which is provided
to hold unused or floating data inputs at a valid logic level. This
feature eliminates the need for external pull-up or pull-down
resistors.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf = 2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CP to Qn
VCC = 2.5V, CL = 30pF
VCC = 3.3V, CL = 50pF
2.0
2.0
ns
CI
Input capacitance
5
pF
CPD
Power dissipation capacitance per latch
VI = GND to VCC1
Output enabled
20
pF
CPD
Power dissi ation ca acitance er latch
VI = GND to VCC1
Output disabled
3
F
NOTES:
1.
CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVCH16827 DGG
ACH16827 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
55, 54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31, 30
1A0 - 1A9
2A0 - 2A9
Data inputs
2, 3, 5, 6, 8, 9, 10, 12, 13, 14,
15, 16, 17, 19, 20, 21, 23, 24, 26, 27
1Y0 - 1Y9
2Y0 - 2Y9
Data outputs
1, 56,
28, 29
1OE0, 1OE1
2OE0, 2OE1
Output enable inputs (active-Low)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Số phần tương tự - 74ALVCH16827

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
74ALVCH16827DGG NEXPERIA-74ALVCH16827DGG Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
74ALVCH16827DGGRE4 TI1-74ALVCH16827DGGRE4 Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16827DGGRG4 TI1-74ALVCH16827DGGRG4 Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16827DLG4 TI1-74ALVCH16827DLG4 Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16827

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com