công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16825 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện 74ALVCH16825
Giải thích chi tiết về linh kiện  18-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16825 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16825 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH16825
18-bit buffer/driver (3-State)
1998 Jul 27
6
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7V
UNIT
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nAn to nYn
1, 3
1.0
2.0
4.1
ns
tPZH/tPZL
3-State output enable time
nOEn to nYn
2, 3
1.0
2.9
6.0
ns
tPHZ/tPLZ
3-State output disable time
nOEn to nYn
2,3
1.2
2.2
5.6
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nAn to nYn
1, 3
1.0
2.0
3.4
1.0
2.1
3.9
ns
tPZH/tPZL
3-State output enable time
nOEn to nYn
2, 3
1.0
2.8
4.7
1.0
2.9
5.7
ns
tPHZ/tPLZ
3-State output disable time
nOEn to nYn
2, 3
1.3
2.9
4.5
1.3
3.0
4.9
ns
NOTES:
1. All typical values are measured Tamb = 25°C.
2. Typical value is measured at VCC = 3.3V
AC WAVEFORMS FOR VCC = 2.3V TO 2.7V AND
VCC < 2.3V RANGE
VM = 0.5 VCC
VX = VOL + 0.15V
VY = VOH –0.15V
VOL and VOH are the typical output voltage drop that occur with the
output load.
AC WAVEFORMS FOR VCC = 3.0V TO 3.6V AND
VCC = 2.7V RANGE
VM = 1.5 V
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = 2.7V
V
I = VCC
An
INPUT
tPHL
tPLH
VOL
VI
GND
VOH
Yn
OUTPUT
SH00132
VM
VM
Waveform 1. Input (Dn) to output (Yn) propagation delay
tPLZ
tPZL
VI
nOE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SH00137
Waveform 2. 3-State enable and disable times


Số phần tương tự - 74ALVCH16825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16825 NEXPERIA-74ALVCH16825 Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
74ALVCH16825DGG NEXPERIA-74ALVCH16825DGG Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
74ALVCH16825DGGRE4 TI-74ALVCH16825DGGRE4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
74ALVCH16825DGGRG4 TI-74ALVCH16825DGGRG4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
74ALVCH16825DLG4 TI-74ALVCH16825DLG4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
More results

Mô tả tương tự - 74ALVCH16825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16825 NEXPERIA-74ALVCH16825 Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ACT18825 FAIRCHILD-74ACT18825 Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ18825 FAIRCHILD-74ACTQ18825 Datasheet
78Kb / 7P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16241A PHILIPS-74ABT16241A Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
   18-bit registered driver (3-State)
2002 Jun 05
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
74AVC16835 PHILIPS-74AVC16835 Datasheet
89Kb / 10P
   18-bit registered driver 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com