công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16646DGG bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện 74ALVCH16646DGG
Giải thích chi tiết về linh kiện  16-bit bus transceiver/register 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16646DGG bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16646DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16646
16-bit bus transceiver/register (3-State)
1998 Sep 03
7
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ± 0.2V
UNIT
MIN
TYP
MAX
Propagation delay
nAx to nBx, nBx to nAx
1
1.0
2.7
4.8
tPLH/tPHL
Propagation delay
nCPAB to nBx, nCPBA to nAx
3
1.0
3.4
5.6
ns
Propagation delay
nSAB to nBx, nSBA to nAx
2
1.0
3.4
6.8
tPZH/tPZL
3-State output enable time
nOE to nAx, nBx
4
1.0
3.3
6.5
ns
tPHZ/tPLZ
3-State output disable time
nOE to nAx, nBx
4
1.6
2.8
5.7
ns
tPZH/tPZL
3-State output enable time
nDIR to nAx, nBx
5
1.0
3.4
7.8
ns
tPHZ/tPLZ
3-State output disable time
nDIR to nAx, nBx
5
1.5
3.0
6.5
ns
tW
Pulse width HIGH or LOW
nCPAB, nCPBA
3
3.3
1.2
ns
tSU
Set up time nAx to nCPAB,
nBx to nCPBA
3
1.6
0.2
ns
th
Hold time nAx to nCPAB,
nBx to nCPBA
3
0.6
0.1
ns
Fmax
Maximum clock pulse frequency
3
150
300
MHz
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf = 2.5ns; CL = 50pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nAx to nBx, nBx to nAx
1
1.0
2.6
3.9
1.0
2.8
4.5
ns
tPHL/tPLH
Propagation delay
nCPAB to nBx, nCPBA to nAx
3
1.4
2.9
4.5
1.4
3.1
5.2
ns
tPHL/tPLH
Propagation delay
nSAB to nBx, nSBA to nAx
2
1.3
3.1
5.3
1.3
3.5
6.4
ns
tPZH/tPZL
3-State output enable time
nOE to nAx, nBx
4
1.0
2.3
5.1
1.0
3.2
6.2
ns
tPHZ/tPLZ
3-State output disable time
nOE to nAx, nBx
4
1.0
2.9
4.7
1.0
3.1
5.0
ns
tPZH/tPZL
3-State output enable time
nDIR to nAx, nBx
5
1.4
3.0
5.1
1.4
3.4
6.2
ns
tPHZ/tPLZ
3-State output disable time
nDIR to nAx, nBx
5
1.4
2.5
5.3
1.4
3.3
6.0
ns
tW
Pulse width HIGH or LOW
nCPAB, nCPBA
3
3.3
0.7
3.3
1.0
ns
tSU
Set up time nAx to nCPAB,
nBx to nCPBA
3
1.4
0.3
1.7
0.2
ns
th
Hold time nAx to nCPAB,
nBx to nCPBA
3
0.7
0.2
0.4
0.1
ns
Fmax
Maximum clock pulse frequency
3
150
320
150
320
MHz
NOTES:
1. All typical values are at Tamb = 25°C.
2. VCC = 3.3V


Số phần tương tự - 74ALVCH16646DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16646DGG NEXPERIA-74ALVCH16646DGG Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
Texas Instruments
74ALVCH16646DGGRE4 TI1-74ALVCH16646DGGRE4 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ALVCH16646DGGRG4 TI1-74ALVCH16646DGGRG4 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16646DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com