công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16623DGG bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74ALVCH16623DGG
Giải thích chi tiết về linh kiện  16-bit transceiver with dual enable; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16623DGG bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16623DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Sep 20
8
Philips Semiconductors
Product specification
16-bit transceiver with dual enable; 3-state
74ALVCH16623
AC CHARACTERISTICS FOR VCC = 2.3 TO 2.7 V
Ground = 0 V; tr =tf ≤ 2.0 ns; CL =30pF.
Note
1. All typical values are measured at Tamb =25 °C and VCC = 2.5 V.
AC CHARACTERISTICS FOR VCC = 2.7 V AND VCC = 3.0 TO 3.6 V
Ground = 0 V; tr =tf ≤ 2.5 ns; CL =50pF.
Notes
1. All typical values are measured at Tamb =25 °C.
2. Typical values at VCC = 3.3 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
nAn,nBn to nBn,nAn
see Figs 5 and 8
2.3 to 2.7 1.0
2.4
3.5
ns
tPZH/tPZL
3-state output enable time
nOEAB to nBn
see Figs 7 and 8
2.3 to 2.7
1.0
3.0
5.0
ns
tPHZ/tPLZ
3-state output disable time
nOEBA to nAn
see Figs 6 and 8
2.3 to 2.7
1.0
3.0
5.1
ns
tPZH/tPZL
3-state output enable time
nOEAB to nBn
see Figs 7 and 8
2.3 to 2.7
1.0
2.8
4.5
ns
tPHZ/tPLZ
3-state output disable time
nOEBA to nAn
see Figs 6 and 8
2.3 to 2.7
1.0
2.4
4.0
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
nAn,nBn to nBn,nAn
see Figs 5 and 8
2.7
2.5
3.4
ns
3.0 to 3.6
1.0
2.6(2)
3.1
tPZH/tPZL
3-state output enable time
nOEAB to nBn
see Figs 7 and 8
2.7
2.8
4.5
ns
3.0 to 3.6
1.0
2.6(2)
4.0
tPHZ/tPLZ
3-state output disable time
nOEBA to nAn
see Figs 6 and 8
2.7
3.3
5.0
ns
3.0 to 3.6
1.0
2.8(2)
4.2
tPZH/tPZL
3-state output enable time
nOEAB to nBn
see Figs 7 and 8
2.7
3.8
5.4
ns
3.0 to 3.6
1.0
3.3(2)
4.6
tPHZ/tPLZ
3-state output disable time
nOEBA to nAn
see Figs 6 and 8
2.7
3.2
4.5
ns
3.0 to 3.6
1.0
3.0(2)
4.3


Số phần tương tự - 74ALVCH16623DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
More results

Mô tả tương tự - 74ALVCH16623DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
74ABT161543 PHILIPS-74ABT161543 Datasheet
85Kb / 12P
   16-bit latched transceiver with dual enable and master reset 3-State
1998 Feb 27
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com