công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL11R bảng dữ liệu(PDF) 9 Page - Cypress Semiconductor

tên linh kiện SL11R
Giải thích chi tiết về linh kiện  USB Controller/ 16-Bit RISC Processor
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11R bảng dữ liệu(HTML) 9 Page - Cypress Semiconductor

Back Button SL11R Datasheet HTML 5Page - Cypress Semiconductor SL11R Datasheet HTML 6Page - Cypress Semiconductor SL11R Datasheet HTML 7Page - Cypress Semiconductor SL11R Datasheet HTML 8Page - Cypress Semiconductor SL11R Datasheet HTML 9Page - Cypress Semiconductor SL11R Datasheet HTML 10Page - Cypress Semiconductor SL11R Datasheet HTML 11Page - Cypress Semiconductor SL11R Datasheet HTML 12Page - Cypress Semiconductor SL11R Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
SL11R
Document #: 38-08006 Rev. **
Page 9 of 85
• Up to 32 bits of General Purpose I/O (GPIO)
• 6Kx8 internal Mask ROM with built-in BIOS in supporting a comprehensive list of interrupt calls (see [Ref. 1] SL11R_BIOS for
detailed information). These include USB functions, 2-wire serial interface, and UART and Boot-Up options (Boot-up from
2-wire serial interface or External ROM). Executable code can also run from 8-bit or 16-bit external Memory.
• 3Kx8 internal RAM that can be configured as the USB Ping-Pong buffer for USB DATA0 and DATA1 packets. It also can be
used for data and/or code.
• Two-wire serial EEPROM interface port with SL11R BIOS support to allow on-board EEPROM programming
• Flexible Programmable external memory wait-states and a 8/16 data path
• Up to 16-bit address for Extended Memory Interface Port for External SRAM and ROM
• On chip DRAM Controller
• On chip fast EPP Interface
• On chip 8/16-bit DMA data path interface
• Supports 12 MHz/48MHz external crystal or clock
• Executable code or data can be loaded either from the USB port or via the UART port. The code/data is moved to RAM for
debugging purposes (using a break point register), or to be programmed via a two-wire serial EEPROM.
• USB Port (12 Mbits/sec), including a built-in USB transceiver. All USB standard protocol modes are supported: Isochronous
mode (up to 1024 packet size), Bulk, Interrupt, and Control modes.
• There are four available Endpoints. Each endpoint utilizes a bidirectional DMA port to move data between the Memory and
the USB. Data can be sent/received to/from the Data Port Independently.
• Two General Purpose Timers, a Watchdog timer (WDT), four programmable PWM channels, and four Programmable Timing
Generator outputs
• Four PWM or Programmable Timing Generator output channels are available. Each channel provides a programmable timing
generator sequence that can be used to interface to various CCD, CIS, and CMOS image sensors, or can be used for other
types of applications.
• Suspend/Resume and Low Power modes are supported
• UART interface supports from 900 Baud to 115.2K Baud
• USB Generic Mini-Port Driver for WIN98/2000 is available
• Debugger and QT-Assembler are available
•“C” Compiler option available
• Package: 100 LPQFP
• Power requirements 3.3V


Số phần tương tự - SL11R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
   USB to IDE/ATAPI Solution
More results

Mô tả tương tự - SL11R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RDC Semiconductor
R1121 RDC-R1121 Datasheet
63Kb / 5P
   16 Bit RISC Micro Processor
R1100 RDC-R1100 Datasheet
65Kb / 5P
   16 Bit RISC Micro Processor
R8800I RDC-R8800I Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8810I RDC-R8810I Datasheet
72Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8820LV RDC-R8820LV Datasheet
1,000Kb / 98P
   16-BIT RISC MICROCONTROLLER
R8821 RDC-R8821 Datasheet
68Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8830 RDC-R8830 Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8830I RDC-R8830I Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
logo
Generalplus Technology ...
GPCE4V000UA GENERALPLUS-GPCE4V000UA Datasheet
932Kb / 22P
   16-bit Sound Controller with USB
logo
RDC Semiconductor
R8822 RDC-R8822 Datasheet
67Kb / 5P
   16-BIT RISC MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com