công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16543 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện 74ALVCH16543
Giải thích chi tiết về linh kiện  16-bit D-type registered transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16543 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVCH16543 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Nov 23
9
Philips Semiconductors
Product specification
16-bit D-type registered transceiver; 3-state
74ALVCH16543
AC CHARACTERISTICS FOR VCC = 2.3 TO 2.7 V
Ground = 0 V; tr =tf ≤ 2.0 ns; CL =30pF.
Note
1. All typical values are measured at Tamb =25 °C and VCC = 2.5 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
nAn,nBn to nBn,nAn
see Figs 6 and 10
2.3 to 2.7
1.0
3.4
5.1
ns
propagation delay
nLEAB,nLEBA to nBn,nAn
see Figs 7 and 10
2.3 to 2.7
1.0
3.3
6.5
ns
tPZH/tPZL
3-state output enable time
nOEBA,nOEAB to nAn, nBn
see Figs 8 and 10
2.3 to 2.7
1.0
3.3
6.8
ns
tPHZ/tPLZ
3-state output disable time
nOEBA,nOEAB to nAn, nBn
see Figs 8 and 10
2.3 to 2.7
1.0
2.9
5.7
ns
tPZH/tPZL
3-state output enable time
nEBA,nEAB to nAn, nBn
see Figs 8 and 10
2.3 to 2.7
1.0
3.3
7.2
ns
tPHZ/tPLZ
3-state output disable time
nEBA,nEAB to nAn, nBn
see Figs 8 and 10
2.3 to 2.7
1.3
3.3
6.1
ns
tW
nLEXX pulse width LOW
see Figs 7 and 10
2.3 to 2.7
3.3
1.2
ns
tsu
set-up time
nAn,nBn to nLEXX,nEXX
see Figs 9 and 10
2.3 to 2.7
1.2
0.2
ns
th
hold time
nAn,nBn to nLEXX,nEXX
see Figs 9 and 10
2.3 to 2.7
1.2
0.2
ns


Số phần tương tự - 74ALVCH16543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DGGRG4 TI1-74ALVCH16543DGGRG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DLG4 TI1-74ALVCH16543DLG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543_15 Datasheet
103Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com