công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16543 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74ALVCH16543
Giải thích chi tiết về linh kiện  16-bit D-type registered transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16543 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16543 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Nov 23
8
Philips Semiconductors
Product specification
16-bit D-type registered transceiver; 3-state
74ALVCH16543
DC CHARACTERISTICS
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
Notes
1. All typical values are measured at Tamb =25 °C.
2. Valid for data inputs of bus hold parts.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
VI (V)
OTHER
VCC (V)
MIN.
TYP.(1)
MAX.
VIH
HIGH-level input voltage
2.3 to 2.7 1.7
1.2
V
2.7 to 3.6 2.0
1.5
V
VIL
LOW-level input voltage
2.3 to 2.7
1.2
0.7
V
2.7 to 3.6
1.5
0.8
V
VOH
HIGH-level output voltage
VIH or VIL
IO = −100 µA 2.3 to 3.6 VCC − 0.2 VCC
V
IO = −6 mA
2.3
VCC − 0.3 VCC − 0.08 −
V
IO = −12 mA
2.3
VCC − 0.6 VCC − 0.26 −
V
IO = −12 mA
2.7
VCC − 0.5 VCC − 0.14 −
V
IO = −12 mA
3.0
VCC − 0.6 VCC − 0.09 −
V
IO = −24 mA
3.0
VCC −1.0
VCC − 0.28 −
V
VOL
LOW-level output voltage
VIH or VIL
IO = 100 µA
2.3 to 3.6
GND
0.20
V
IO =6mA
2.3
0.07
0.40
V
IO =12mA
2.3
0.15
0.70
V
IO =12mA
2.7
0.14
0.40
V
IO =24mA
3.0
0.27
0.55
V
Il
input leakage current
VCC or
GND
2.3 to 3.6
0.1
5
µA
IOZ
3-state output OFF-state
current
VIH or VIL
VO =VCC or
GND
2.3 to 3.6
0.1
10
µA
ICC
quiescent supply voltage
VCC or
GND
IO = 0
2.3 to 3.6
0.2
40
µA
∆ICC
additional quiescent supply
current given per data I/O
pin with bus hold
VCC − 0.6 IO = 0
2.3 to 3.6
150
750
µA
IBHL
bus hold LOW sustaining
current
0.7(2)
2.3(2)
45
−µA
0.8(2)
3.0(2)
75
150
IBHH
bus hold HIGH sustaining
current
1.7(2)
2.3(2)
−45
µA
2.0(2)
3.0(2)
−75
−175
IBHLO
bus hold LOW overdrive
current
3.6(2)
500
µA
IBHHO
bus hold LOW overdrive
current
3.6(2)
−500
µA


Số phần tương tự - 74ALVCH16543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DGGRG4 TI1-74ALVCH16543DGGRG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DLG4 TI1-74ALVCH16543DLG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543_15 Datasheet
103Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com