công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH162244DGG bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74ALVCH162244DGG
Giải thích chi tiết về linh kiện  16-bit buffer/line driver with 30ohm termination resistor 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162244DGG bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74ALVCH162244DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ALVCH162244
16-bit buffer/line driver with 30
W termination resistor
(3-State)
2
1998 Jun 29
853-2084 19638
FEATURES
Wide supply voltage range of 1.2V to 3.6V
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple V
CC and ground pins for minimum noise
and ground bounce
Direct interface with TTL levels
Bus hold on all data inputs
Integrated 30Ω termination resistor
DESCRIPTION
The 74ALVCH162244 is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most advanced
CMOS compatible TTL families.
The 74ALVCH162244 is a 16-bit non-inverting buffer/line driver with
3-State outputs. The device can be used as four 4-bit buffers, two
8-bit buffers or one 16-bit buffer. The 3-State outputs are controlled
by the output enable inputs 1OE and 2OE. A HIGH on nOE causes
the outputs to assume a high impedance OFF-state. The
74ALVCH162244 is designed with 30
Ω series resistors in both HIGH
and LOW output states.
The 74ALVCH162244 has active bus hold circuitry which is provided
to hold unused or floating data inputs at a valid logic level. This
feature eliminates the need for external pull-up or pull-down
resistors.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1OE
1Y0
1Y1
GND
1Y2
1Y3
VCC
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
2Y0
3Y2
3Y3
VCC
4Y0
4Y1
4A1
4A0
VCC
3A3
3A2
GND
3A1
3A0
2A3
2A2
GND
2A1
2A0
VCC
1A3
1A2
GND
1A1
1A0
2OE
21
22
23
24
25
26
27
28
GND
4Y2
4Y3
4OE
3OE
4A3
4A2
GND
SW00194
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Yn
VCC = 2.5V, CL = 30pF
VCC = 3.3V, CL = 50pF
3.0
2.7
ns
CI
Input capacitance
5.0
pF
C
Power dissipation capacitance per buffer
V = GND to VCC1
Outputs enabled
25
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
Outputs disabled
4
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V; S (CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVCH162244 DL
ACH162244 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVCH162244 DGG
ACH162244 DGG
SOT362-1


Số phần tương tự - 74ALVCH162244DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH162244DGG NEXPERIA-74ALVCH162244DGG Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
More results

Mô tả tương tự - 74ALVCH162244DGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com