công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16245 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74ALVCH16245
Giải thích chi tiết về linh kiện  2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16245 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74ALVCH16245 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ALVC16245/
74ALVCH16245
16-bit bus transceiver with direction pin (3-State)
1998 Jun 29
5
DC CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIH
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VIH
HIGH level In ut voltage
VCC = 2.7 to 3.6V
2.0
1.5
V
VIL
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VIL
LOW level In ut voltage
VCC = 2.7 to 3.6V
1.5
0.8
V
VCC =2 3to3 6V; VI =VIH or VIL; IO = –100µA
VCC–0 2
VCC
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC–0.2
VCC
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC–0.3
VCC–0.08
VOH
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC–0.6
VCC–0.26
V
VOH
HIGH level out ut voltage
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC–0.5
VCC–0.14
V
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC–0.6
VCC–0.09
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC–1.0
VCC–0.28
VCC =2 3to3 6V; VI =VIH or VIL; IO = 100µA
GND
020
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.40
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.70
V
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
II
Input leakage current
VCC = 2.3 to 3.6V;
VI = VCC or GND
0.1
5
µA
IOZ
3-State output OFF-state current
VCC = 2.3 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
given per data I/O pin with bus
hold
VCC = 2.3V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
IBHL2
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V
45
µA
IBHL2
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V
75
150
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V
–75
–175
µA
IBHLO2
Bus hold LOW overdrive current
VCC = 3.6V
500
µA
IBHHO2
Bus hold HIGH overdrive current
VCC = 3.6V
–500
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7V
UNIT
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nAn to nBn; nBn to nAn
1, 3
1.0
2.0
3.7
ns
tPZH/tPZL
3-State output enable time
nOE to nAn; nOE to nBn
2, 3
1.0
2.7
5.7
ns
tPHZ/tPLZ
3-State output disable time
nOE to nAn; nOE to nBn
2, 3
1.0
2.2
5.2
ns
NOTES:
1. All typical values are measured at Tamb = 25°C and VCC = 2.5V.


Số phần tương tự - 74ALVCH16245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74ALVCH16245 ONSEMI-74ALVCH16245 Datasheet
139Kb / 12P
   Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16245 NEXPERIA-74ALVCH16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
74ALVCH16245DGG NEXPERIA-74ALVCH16245DGG Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
Texas Instruments
74ALVCH16245DGGRG4 TI-74ALVCH16245DGGRG4 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com