công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS0805 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện MCS0805
Giải thích chi tiết về linh kiện  Professional flat chip resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MCS0805 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  MCS0805 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS0805 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 Dec 19
2
BCcomponents
Product specification
Professional flat chip resistors
MCS 0402; MCT 0603;
MCU 0805
FEATURES
· Advanced thin film technology
· Advanced dissipation rating: 100 mW for 0603
· Excellent overall stability: Class 0,5
· Green product, supports lead-free soldering.
Case sizes
APPLICATIONS
· Telecommunication
· Medical equipment
· Industrial equipment.
DESCRIPTION
MCS 0402, MCT 0603 and MCU 0805 Professional Thin
Film Flat Chip Resistors are the perfect choice for most
fields of modern professional electronics where reliability
and stability is of major concern. Typical applications
include telecommunication, medical equipment and
high-end computer and audio/video electronics.
Production is strictly controlled and follows an extensive set
of instructions established for reproducibility. A homo-
geneous film of metal alloy is deposited on a super high
grade (96% Al2O3) ceramic substrate and conditioned to
achieve the desired temperature coefficient. Specially
designed inner contacts are deposited on both sides. A
special laser is used to achieve the target value by smoothly
cutting a meander groove in the resistive layer without
damaging the ceramics. For the high ohmic range,
optimized Cermet products provide comparable properties.
The resistor elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final pure tin on nickel plating.
The result of the determined production is verified by an
extensive testing procedure and optical inspection
performed on 100% of the individual chip resistors. Only
accepted products are laid directly into the paper tape in
accordance with EN 60286-3.
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic soldering
using wave, reflow or vapour phase. The encapsulation is
resistant to all cleaning solvents commonly used in the
electronics industry, including alcohols, esters and aqueous
solutions.
The resistors are lead-free, the pure tin plating provides
compatibility with lead-free soldering processes. The
immunity of the plating against tin whisker growth has been
proven under extensive testing. All products comply with
the CEFIC-EECA-EICTA list of legal restrictions on hazardous
substances. Solderability is specified for 2 years after
production or re-qualification. The permitted storage time is
20 years.
The resistors are tested in accordance with
EN 140401-801 (superseding CECC 40401-801) which
refers to EN 60115-1 and EN140400. Approval of
conformity is indicated by the CECC logo on the package
label.
BCcomponents BEYSCHLAG has achieved "Approval of
Manufacturer" in accordance with EN 100114-1. The
release certificate for "Technology Approval Schedule" in
accordance with CECC 240 001 based on EN 100114-6 is
granted for the BCcomponents BEYSCHLAG manufacturing
process.
This product family of thin film flat chip resistors is
completed by Zero Ohm Jumpers.
On request, resistors are available with established
reliability in accordance with CECC 40 401-801 Version E.
Please refer to the special data sheet for information on
failure rate level, available resistance ranges and order
codes.
Imperial:
0402
0603
0805
Metric:
RR 1005M
RR 1608M
RR 2012M


Số phần tương tự - MCS0805

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS0402 VISHAY-MCS0402 Datasheet
632Kb / 2P
   Precision Thin Film Flat Chip Resistors
Revision 18-Dec-09
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Mô tả tương tự - MCS0805

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCT06030C4993FP500 VISHAY-MCT06030C4993FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C3320FE000 VISHAY-MCS04020C3320FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C1802FE000 VISHAY-MCS04020C1802FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com