công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9879BS bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD9879BS
Giải thích chi tiết về linh kiện  Mixed-Signal Front End Set-Top Box, Cable Modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9879BS bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD9879BS Datasheet HTML 3Page - Analog Devices AD9879BS Datasheet HTML 4Page - Analog Devices AD9879BS Datasheet HTML 5Page - Analog Devices AD9879BS Datasheet HTML 6Page - Analog Devices AD9879BS Datasheet HTML 7Page - Analog Devices AD9879BS Datasheet HTML 8Page - Analog Devices AD9879BS Datasheet HTML 9Page - Analog Devices AD9879BS Datasheet HTML 10Page - Analog Devices AD9879BS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
AD9879
–7–
PIN FUNCTION ASSIGNMENTS
Pin No.
Mnemonic
Pin Function
56
AVDDPLL
PLL Analog 3.3 V Supply
57
PLLFILT
PLL Loop Filter Connection
58
AGNDPLL
PLL Analog Ground
59
DGNDOSC
Oscillator Digital Ground
60
XTAL
Crystal Oscillator Inv. Output
61
OSCIN
Oscillator Clock Input
62
DVDDOSC
Oscillator Digital 3.3 V Supply
63
CA_CLK
Serial Clock to Cable Driver
64
CA_DATA
Serial Data to Cable Driver
65
CA_EN
Serial Enable to Cable Drive
66
DVDD
-
Sigma Delta Digital 3.3 V Supply
67
FLAG1
Digital Output Flag 1
68
-
_OUT
Sigma-Delta DAC Output
69
DGND
-
Sigma-Delta Digital Ground
71
REFCLK
Oscillator Clock Output
73
AVDDIQ
7-Bit ADCs Analog 3.3 V Supply
74
AGNDIQ
7-Bit ADCs Analog Ground
78, 79
I–, I+
Differential Input to I ADC
81, 82
Q–, Q+
Differential Input to Q ADC
83, 88,
AGND
12-Bit ADC Analog Ground
91, 96, 99
84, 87,
AVDD
12-Bit ADC Analog 3.3 V Supply
92, 95
85
REFB10
10-Bit ADC Decoupling Node
86
REFT10
10-Bit ADC Decoupling Node
89, 90
IF10–, IF10+ Differential Input to 10-Bit ADC
93
REFB12
12-Bit ADC Decoupling Node
94
REFT12
12-Bit ADC Decoupling Node
97, 98
IF12–, IF12+ Differential Input to IF ADC
100
VIDEO IN
Video Clamp Input, 12-Bit ADC
Pin No.
Mnemonic
Pin Function
1, 35,
DNC
Do Not Connect. Pins are not
75–77, 80
bonded to die.
2, 21, 70
DRGND
Pin Driver Digital Ground
3, 22, 72
DRVDD
Pin Driver Digital 3.3 V Supply
4–15
IF[11:0]
12-Bit ADC Digital Output
16–19
RXIQ[3:0]
Muxed I and Q ADCs Output
20
RXSYNC
Sync Output, IF, I and Q ADCs
23
MCLK
Master Clock Output
24, 33, 38 DVDD
Digital 3.3 V Supply
25, 34,
DGND
Digital Ground
39, 40
26
TXSYNC
Sync Input for Transmit Port
27–32
TXIQ[5:0]
Digital Input for Transmit Port
36
PROFILE
Profile Selection Inputs
37
RESET
Chip Reset Input (Active Low)
41
SCLK
SPORT Clock
42
CS
SPORT Chip Select
43
SDIO
SPORT Data I/O
44
SDO
SPORT Data Output
45
DGNDTX
Tx Path Digital Ground
46
DVDDTX
Tx Path Digital 3.3 V Supply
47
PWRDN
Power-Down Transmit Path
48
REFIO
TxDAC Decoupling (to AGND)
49
FSADJ
DAC Output Adjust (External Res.)
50
AGNDTX
Tx Path Analog Ground
51, 52
TX–, TX+
Tx Path Complementary Outputs
53
AVDDTX
Tx Path Analog 3.3 V Supply
54
DGNDPLL
PLL Digital Ground
55
DVDDPLL
PLL Digital 3.3 V Supply


Số phần tương tự - AD9879BS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9879BS AD-AD9879BS Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BSZ AD-AD9879BSZ Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results

Mô tả tương tự - AD9879BS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com