công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP11SHCKE12 bảng dữ liệu(PDF) 1 Page - ITT Industries |
|
TP11SHCKE12 bảng dữ liệu(HTML) 1 Page - ITT Industries |
1 / 6 page Typical Applications S Telecommunications and networking equipment S Computers and peripherals S Instrumentation and controls Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box. Switches with standard options are shown on pages B-11 and B-12. Available options are shown and described on pages B-12 thru B-16. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods. Build-A-Switch Features /Benefits S Subminiature size—capable of switching 1 AMP S Vertical & right angle terminations S PC & panel mount models S Snap-in front panel mounting available Models Available TP 1 1 S H 8 A B E Switch Function TP11 (STD.) SPST Off-Mom. TP12 (STD.) SPDT On-Mom. TP21 DPST Off-Mom. Actuator or Bushing SH (STD.) .155 high plunger, unthreaded, .220 high bushing, round SH8 (STD.) .155 high plunger, unthreaded, .220 high bushing, flat SH9 (STD.) .155 high plunger, .220 high bushing J80 Snap-in J81 Snap-in with frame LT .215 high plunger, .310 high bushing, flat LT9 .215 high plunger, unthreaded, .310 high bushing, flat MS9 .130 high plunger, .020 high bushing, round Terminations A (STD.) Right angle, PC thru-hole C (STD.) PC Thru-hole Z (STD.) Solder lug AV Vertical right angle, PC thru-hole V3 Vertical mount, v-bracket W Wire wrap Contact Material B (STD.) Gold Q (STD.) silver K Gold M silver G Gold over silver L Gold over silver Seal E (STD.) Epoxy Cap Color 2 (STD.) Black NONE Models with no cap 1 White 3 Red Frame Color 2 (STD.) Black NONE Models with no frame Typical Example: Tiny Pushbutton Switches TP Series B B-10 C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926 Rev. A 8/99 |
Số phần tương tự - TP11SHCKE12 |
|
Mô tả tương tự - TP11SHCKE12 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |