công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AHCT1G79 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74AHCT1G79
Giải thích chi tiết về linh kiện  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G79 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74AHCT1G79 Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 May 18
5
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74AHC1G79;
74AHCT1G79
DC CHARACTERISTICS
Family 74AHC1G
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85
MIN.
TYP.
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
V
3.0
2.1
−−
2.1
5.5
3.85
−−
3.85
VIL
LOW-level input voltage
2.0
−−
0.5
0.5
V
3.0
−−
0.9
0.9
5.5
−−
1.65
1.65
VOH
HIGH-level output
voltage; all outputs
VI =VIH or VIL;
IO = −50 µA
2.0
1.9
2.0
1.9
V
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
HIGH-level output
voltage
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
VOL
LOW-level output
voltage; all outputs
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
V
3.0
0
0.1
0.1
4.5
0
0.1
0.1
LOW-level output
voltage
VI =VIH or VIL;
IO =4mA
3.0
−−
0.36
0.44
V
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
II
input leakage current
VI =VCC or GND
5.5
−−
0.1
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
1.0
10
µA
CI
input capacitance
1.5
10
10
pF


Số phần tương tự - 74AHCT1G79

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AHCT1G79 NXP-74AHCT1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
74AHCT1G79 NXP-74AHCT1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHCT1G79-Q100 NEXPERIA-74AHCT1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHCT1G79GV NXP-74AHCT1G79GV Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results

Mô tả tương tự - 74AHCT1G79

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
logo
NXP Semiconductors
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com