công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT863PW bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện 74ABT863PW
Giải thích chi tiết về linh kiện  9-bit bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT863PW bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  74ABT863PW Datasheet HTML 1Page - NXP Semiconductors 74ABT863PW Datasheet HTML 2Page - NXP Semiconductors 74ABT863PW Datasheet HTML 3Page - NXP Semiconductors 74ABT863PW Datasheet HTML 4Page - NXP Semiconductors 74ABT863PW Datasheet HTML 5Page - NXP Semiconductors 74ABT863PW Datasheet HTML 6Page - NXP Semiconductors 74ABT863PW Datasheet HTML 7Page - NXP Semiconductors 74ABT863PW Datasheet HTML 8Page - NXP Semiconductors 74ABT863PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ABT863
9-bit bus transceiver (3-State)
1998 Jan 16
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
Min
Max
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
5
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
3.2
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.7
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.3
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage
Control pins
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
current
Data pins
VCC = 5.5V; VI = GND or 5.5V
±5
±100
±100
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/PD
Power-up/down 3-State
output current3
VCC = 2.0V; VO = 0.5V; VI = GND or VCC; =
V OE= Don’t care
±5.0
±50
±50
µA
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output high leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–63
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
110
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
25
38
38
mA
ICCZ
VCC = 5.5V; Outputs 3–State;
VI = GND or VCC
110
250
250
µA
Outputs enabled, one input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
∆ICC
Additional supply current per
input pin2
Outputs 3-State, one data input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
110
250
250
µA
Outputs 3-State, one enable input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V ± 10%, a
transition time of up to 100
µsec is permitted.


Số phần tương tự - 74ABT863PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT861 PHILIPS-74ABT861 Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861D PHILIPS-74ABT861D Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861DB PHILIPS-74ABT861DB Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861N PHILIPS-74ABT861N Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861PW PHILIPS-74ABT861PW Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
More results

Mô tả tương tự - 74ABT863PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
74ABT861 PHILIPS-74ABT861 Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com