công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74ABT899D bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
74ABT899D bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
11 / 16 page Philips Semiconductors Product specification 74ABT899 9-bit dual latch transceiver with 8-bit parity generator/checker (3-State) 1998 Jan 16 11 An (Bn) tPHL VM VM VM BPAR (APAR) INPUT OUTPUT APAR (BPAR) 0 ODD/EVEN 1 tPLH VM EVEN PARITY SEL INPUT NOTE: Only even parity mode is shown with even parity. Odd parity mode would cause inverted output and odd parity mode would be with ODD/EVEN = 1 SA00300 Waveform 8. Propagation Delay, SEL to BPAR or SEL to APAR VM APAR, An] (BPAR, Bn) INPUT SEL 1 LEA (LEB) tPHL VM Bn, BPAR (An, APAR) INPUT OUTPUT tPLH VM VM SA00301 Waveform 9. Propagation Delay, LEA to BPAR or LEB to APAR, LEA to Bn or LEB to An VM APAR, BPAR, An, Bn VM VM VM VM VM LEA, LEB ts(H) th(H) ts(L) th(L) tw(H) VM SA00302 The shaded areas indicate when the input is permitted to change for predictable output performance. Waveform 10. Data Setup and Hold Times, Pulse Width High |
Số phần tương tự - 74ABT899D |
|
Mô tả tương tự - 74ABT899D |