công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT843D bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74ABT843D
Giải thích chi tiết về linh kiện  9-bit interface latch with set and reset 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT843D bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74ABT843D Datasheet HTML 1Page - NXP Semiconductors 74ABT843D Datasheet HTML 2Page - NXP Semiconductors 74ABT843D Datasheet HTML 3Page - NXP Semiconductors 74ABT843D Datasheet HTML 4Page - NXP Semiconductors 74ABT843D Datasheet HTML 5Page - NXP Semiconductors 74ABT843D Datasheet HTML 6Page - NXP Semiconductors 74ABT843D Datasheet HTML 7Page - NXP Semiconductors 74ABT843D Datasheet HTML 8Page - NXP Semiconductors 74ABT843D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74ABT843
9-bit bus interface latch with set and reset
(3-State)
2
1998 Jan 16
853-1620 18864
FEATURES
High speed parallel latches
Extra data width for wide address/data paths or buses carrying
parity
Ideal where high speed, light loading, or increased fan-in are
required with MOS microprocessors
Slim DIP 300 mil package
Broadside pinout
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
Power-up 3-State
Power-up reset
DESCRIPTION
The 74ABT843 Bus interface latch is designed to eliminate the extra
packages required to buffer existing registers and provide extra data
width for wider data/address paths of buses carrying parity.
The 74ABT843 consists of nine D-type latches with 3-State outputs.
In addition to the LE and OE pins, it has a Master Reset (MR) pin
and Preset (PRE) pin. These pins are ideal for parity bus interfacing
in high performance systems. When MR is Low, the outputs are Low
if OE is Low. When MR is High, data can be entered into the latch.
When PRE is Low, the outputs are High, if OE is Low. PRE
overrides MR.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
Dn to Qn
CL = 50pF; VCC = 5V
5.0
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled;
VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT843 N
74ABT843 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT843 D
74ABT843 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT843 DB
74ABT843 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT843 PW
74ABT843PW DH
SOT355-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
OE
D0
D1
D2
D3
D4
D5
D6
D7
Q7
D8
Q6
Q5
Q4
Q3
Q2
Q1
Q0
VCC
Q8
11
14
MR
PRE
12
13
GND
LE
TOP VIEW
SA00250
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input
(active-Low)
2, 3, 4, 5, 6,
7, 8, 9, 10
D0-D8
Data inputs
23, 22, 21, 20,
19,18, 17, 16, 15
Q0-Q8
Data outputs
11
MR
Master reset input (active-Low)
13
LE
Latch enable input (active rising
edge)
14
PRE
Preset input (active-Low)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Số phần tương tự - 74ABT843D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841D PHILIPS-74ABT841D Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ABT841D NXP-74ABT841D Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841DB PHILIPS-74ABT841DB Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results

Mô tả tương tự - 74ABT843D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT845 PHILIPS-74ABT845 Datasheet
78Kb / 7P
   8-bit bus interface latch with set and reset 3-State
1995 Sep 06
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29843 TI-SN74BCT29843 Datasheet
72Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29844 TI1-SN74BCT29844 Datasheet
99Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OURPUTS
SN74LVC843A TI-SN74LVC843A Datasheet
150Kb / 10P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com