công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT834D bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện 74ABT834D
Giải thích chi tiết về linh kiện  Octal inverting transceiver with parity generator/checker 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT834D bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

  74ABT834D Datasheet HTML 1Page - NXP Semiconductors 74ABT834D Datasheet HTML 2Page - NXP Semiconductors 74ABT834D Datasheet HTML 3Page - NXP Semiconductors 74ABT834D Datasheet HTML 4Page - NXP Semiconductors 74ABT834D Datasheet HTML 5Page - NXP Semiconductors 74ABT834D Datasheet HTML 6Page - NXP Semiconductors 74ABT834D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors Advanced BiCMOS Products
Objective specification
74ABT834
Octal inverting transceiver with parity
generator/checker (3–State)
June 9, 1992
6
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance.
Waveform 1. Propagation Delay For Inverting Output
OEA, OEB
VM
tPZH
tPHZ
0V
VOH –0.3V
Waveform 3. 3–State Output Enable Time to High Level
and Output Disable Time from High Level
tPZL
tPLZ
0V
VOL +0.3V
Waveform 4. 3–State Output Enable Time to Low Level
and Output Disable Time from Low Level
VM
VM
VM
VM
VM
INPUT
VM
tPHL
tPLH
VM
VM
VM
OUTPUT
Waveform 2. Propagation Delay For Non–Inverting
Output
VM
tPLH
tPHL
VM
VM
VM
OUTPUT
INPUT
OUTPUT
OEA, OEB
OUTPUT
VM
Bn, PARITY
VM
VM
VM
VM
VM
CP
Waveform 6. Data Setup and Hold Times and
Clock Pulse Width
ts(H)
th(H)
ts(L)
th(L)
VM
tw(H)
tw(L)
VM
CLEAR
V
M
ERROR
Waveform 5. CLEAR Pulse Width, CLEAR to ERROR
Delay and CLEAR to Clock Recovery Time
tw(L)
VM
tPLH
VM
tREC
CP


Số phần tương tự - 74ABT834D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833D PHILIPS-74ABT833D Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833DB PHILIPS-74ABT833DB Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833N PHILIPS-74ABT833N Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833PW PHILIPS-74ABT833PW Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
More results

Mô tả tương tự - 74ABT834D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com