công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT834N bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện 74ABT834N
Giải thích chi tiết về linh kiện  Octal inverting transceiver with parity generator/checker 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT834N bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  74ABT834N Datasheet HTML 1Page - NXP Semiconductors 74ABT834N Datasheet HTML 2Page - NXP Semiconductors 74ABT834N Datasheet HTML 3Page - NXP Semiconductors 74ABT834N Datasheet HTML 4Page - NXP Semiconductors 74ABT834N Datasheet HTML 5Page - NXP Semiconductors 74ABT834N Datasheet HTML 6Page - NXP Semiconductors 74ABT834N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors Advanced BiCMOS Products
Objective specification
74ABT834
Octal inverting transceiver with parity
generator/checker (3–State)
1
June 9, 1992
FEATURES
Low static and dynamic power dissipation
with high speed and high output drive
Open–collector ERROR output
Output capability: +64mA/–32mA
Latch–up protection exceeds 500mA per
Jedec JC40.2 Std 17
ESD protection exceeds 2000 V per MIL
STD 883C Method 3015.6 and 200 V per
Machine Model
Power up/down 3–State
DESCRIPTION
The 74ABT834 high–performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The 74ABT834 is an octal inverting
transceiver with a parity generator/checker
and is intended for bus–oriented applications.
When Output Enable A (OEA) is High, it will
place the A outputs in a high impedance
state. Output Enable B (OEB) controls the B
outputs in the same way.
The parity generator creates an odd parity
output (PARITY) when OEB is Low. When
OEA is Low, the parity of the B port, including
the PARITY input, is checked for odd parity.
When an error is detected, the error data is
sent to the input of a storage register. If a
Low–to–High transition happens at the clock
input (CP), the error data is stored in the
register and the Open–collector error flag
(ERROR) will go Low. The error flag register
is cleared with a Low pulse on the CLEAR
input.
If both OEA and OEB are Low, data will flow
from the A bus to the B bus and the part is
forced into an error condition which creates
an inverted PARITY output. This error
condition can be used by the designer for
system diagnostics.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
3.4
ns
tPLH
tPHL
Propagation delay
An to PARITY
CL = 50pF; VCC = 5V
7.4
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VI = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
50
µA
ORDERING INFORMATION
PACKAGES
CONDITIONS
Tamb = 25°C; GND = 0V
ORDER CODE
24–pin plastic DIP (300mil)
–40
°C to +85°C
74ABT834N
24–pin plastic SOL (300mil)
–40
°C to +85°C
74ABT834D
PIN CONFIGURATION
LOGIC SYMBOL
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
GND
CLEAR
OEA
B0
B1
B2
B3
B6
B7
PARITY
OEB
A0
A1
A2
A3
A4
A5
A6
A7
ERROR
CP
B4
B5
OEB
OEA
CLEAR
14
1
11
15
10
PARITY
ERROR
TOP VIEW
CP
13
2
3
4
5
6
7
8
9
A0 A1 A2 A3 A4 A5 A6 A7
B0 B1 B2 B3 B4 B5 B6 B7
23 22 21 20 19 18 17 16


Số phần tương tự - 74ABT834N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833D PHILIPS-74ABT833D Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833DB PHILIPS-74ABT833DB Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833N PHILIPS-74ABT833N Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833PW PHILIPS-74ABT833PW Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
More results

Mô tả tương tự - 74ABT834N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com