công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT833N bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện 74ABT833N
Giải thích chi tiết về linh kiện  Octal transceiver with parity generator/checker 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT833N bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT833N Datasheet HTML 2Page - NXP Semiconductors 74ABT833N Datasheet HTML 3Page - NXP Semiconductors 74ABT833N Datasheet HTML 4Page - NXP Semiconductors 74ABT833N Datasheet HTML 5Page - NXP Semiconductors 74ABT833N Datasheet HTML 6Page - NXP Semiconductors 74ABT833N Datasheet HTML 7Page - NXP Semiconductors 74ABT833N Datasheet HTML 8Page - NXP Semiconductors 74ABT833N Datasheet HTML 9Page - NXP Semiconductors 74ABT833N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
74ABT833
Octal transceiver with parity generator/checker
(3-State)
1993 Jun 21
6
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORMS
Tamb = +25oC
VCC = +5.0V
Tamb = –40 to +85oC
VCC = +5.0V ±10%
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
1.2
1.0
3.4
2.6
4.8
4.0
1.2
1.0
5.3
4.5
ns
tPLH
tPHL
Propagation delay
An to PARITY
1
2
2.1
2.5
7.4
7.4
9.5
9.7
2.1
2.5
11.2
11.0
ns
tPLH
tPHL
Propagation delay
OEA to PARITY
1
2
2.6
3.1
6.6
6.7
8.5
8.6
2.6
3.1
10.5
10.0
ns
tPLH
Propagation delay
CLEAR to ERROR
5
1.0
2.9
4.4
1.0
5.2
ns
tPHL
Propagation delay
CP to ERROR
1
2.5
4.2
5.7
2.5
6.2
ns
tPZH
tPZL
Output enable time
OEA to An or OEB to Bn, PARITY
3
4
1.0
2.1
3.2
4.1
5.1
5.8
1.0
2.1
6.2
6.7
ns
tPHZ
tPLZ
Output disable time
OEA to An or OEB to Bn, PARITY
3
4
3.1
3.2
5.1
5.6
7.3
7.7
3.1
3.2
7.9
8.1
ns
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORMS
Tamb = +25oC
VCC = +5.0V
Tamb = –40 to +85oC
VCC = +5.0V ±10%
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time, High or Low
Bn or PARITY to CP
6
9.8
8.1
6.9
4.0
9.8
8.1
ns
th(H)
th(L)
Hold time, High or Low
Bn or PARITY to CP
6
0.0
0.0
–3.7
–6.7
0.0
0.0
ns
tw(H)
tw(L)
Pulse width, High or Low
CP
6
3.0
3.0
1.5
1.0
3.0
3.0
ns
tw(L)
Pulse width, Low
CLEAR
5
3.0
1.0
3.0
ns
trec
Recovery time
CLEAR to CP
5
2.0
–0.3
2.0
ns


Số phần tương tự - 74ABT833N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834D PHILIPS-74ABT834D Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834N PHILIPS-74ABT834N Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
More results

Mô tả tương tự - 74ABT833N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com