công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT833 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74ABT833
Giải thích chi tiết về linh kiện  Octal transceiver with parity generator/checker 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT833 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74ABT833 Datasheet HTML 1Page - NXP Semiconductors 74ABT833 Datasheet HTML 2Page - NXP Semiconductors 74ABT833 Datasheet HTML 3Page - NXP Semiconductors 74ABT833 Datasheet HTML 4Page - NXP Semiconductors 74ABT833 Datasheet HTML 5Page - NXP Semiconductors 74ABT833 Datasheet HTML 6Page - NXP Semiconductors 74ABT833 Datasheet HTML 7Page - NXP Semiconductors 74ABT833 Datasheet HTML 8Page - NXP Semiconductors 74ABT833 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ABT833
Octal transceiver with parity generator/checker
(3-State)
2
1993 Jun 21
853–1619 10087
FEATURES
Low static and dynamic power dissipation with high speed and
high output drive
Open-collector ERROR output with flag register
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power up/down 3-State
Live insertion/extraction permitted
DESCRIPTION
The 74ABT833 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT833 is an octal transceiver with a parity
generator/checker and is intended for bus-oriented applications.
When Output Enable A (OEA) is High, it will place the A outputs in a
high impedance state. Output Enable B (OEB) controls the B
outputs in the same way.
The parity generator creates an odd parity output (PARITY) when
OEB is Low. When OEA is Low, the parity of the B port, including
the PARITY input, is checked for odd parity. When an error is
detected, the error data is sent to the input of a storage register. If a
Low-to-High transition happens at the clock input (CP), the error
data is stored in the register and the Open-collector error flag
(ERROR) will go Low. The error flag register is cleared with a Low
pulse on the CLEAR input.
If both OEA and OEB are Low, data will flow from the A bus to the B
bus and the part is forced into an error condition which creates an
inverted PARITY output. This error condition can be used by the
designer for system diagnostics.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
3.4
ns
tPLH
tPHL
Propagation delay
An to PARITY
CL = 50pF; VCC = 5V
7.4
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled;
VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT833 N
74ABT833 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT833 D
74ABT833 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT833 DB
74ABT833 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT833 PW
74ABT833PW DH
SOT355-1
PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
GND
CLEAR
OEA
B0
B1
B2
B3
B6
B7
PARITY
OEB
A0
A1
A2
A3
A4
A5
A6
A7
ERROR
CP
B4
B5
TOP VIEW
SA00212
PIN DESCRIPTION
SYMBOL
PIN NUMBER
NAME AND FUNCTION
A0 – A7
2, 3, 4, 5,
6, 7, 8, 9
A port 3-State inputs/outputs
B0 – B7
23, 22, 21, 20,
19, 18, 17, 16
B port 3-State inputs/outputs
OEA
1
Enables the A outputs when
Low
OEB
14
Enables the B outputs when
Low
PARITY
15
Parity output/input
ERROR
10
Error output (open collector)
CLEAR
11
Clears the error flag register
when Low
CP
13
Clock input
GND
12
Ground (0V)
VCC
24
Positive supply voltage


Số phần tương tự - 74ABT833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834D PHILIPS-74ABT834D Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834N PHILIPS-74ABT834N Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
More results

Mô tả tương tự - 74ABT833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com