công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT823 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74ABT823
Giải thích chi tiết về linh kiện  9-bit D-type flip-flop with reset and enable 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT823 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74ABT823 Datasheet HTML 1Page - NXP Semiconductors 74ABT823 Datasheet HTML 2Page - NXP Semiconductors 74ABT823 Datasheet HTML 3Page - NXP Semiconductors 74ABT823 Datasheet HTML 4Page - NXP Semiconductors 74ABT823 Datasheet HTML 5Page - NXP Semiconductors 74ABT823 Datasheet HTML 6Page - NXP Semiconductors 74ABT823 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
74ABT823
9-bit D-type flip-flop with reset and enable
(3-State)
1995 Sep 06
2
LOGIC SYMBOL
13
14
CP
CE
11
1
MR
OE
23
45
67
89
10
D0 D1 D2 D3 D4 D5 D6 D7 D8
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8
23 22 21 20 19 18 17 16 15
SA00228
LOGIC SYMBOL (IEEE/IEC)
223
322
421
520
619
718
817
916
1C2
13
G1
14
10
15
R
EN
11
1
2D
SA00229
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
OE
MR
CE
CP
Dn
Q0 – Q8
L
L
X
X
X
L
Clear
L
H
L
h
H
Load and read data
L
H
L
l
L
L
H
H
X
NC
Hold
H
X
X
X
X
Z
High impedance
H
= High voltage level
h
= High voltage level one set-up time prior to the Low-to-High
clock transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High
clock transition
NC = No change
X
= Don’t care
Z
= High impedance “off” state
= Low to High clock transition
= Not a Low-to-High clock transition
LOGIC DIAGRAM
RQ
D
2
D0
Q0
23
11
MR
1
OE
RQ
D
3
D1
Q1
22
RQ
D
4
D2
Q2
21
RR Q
D
5
D3
Q3
20
RQ
D
6
D4
Q4
19
RQ
D
7
D5
Q5
18
RQ
D
8
D6
Q6
17
RQ
D
9
D7
Q7
16
RQ
D
10
D8
Q8
CP
CP
CP
CP
CP
CP
CP
CP
CP
15
13
CP
14
CE
SA00230


Số phần tương tự - 74ABT823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823D NXP-74ABT823D Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823DB NXP-74ABT823DB Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823PW NXP-74ABT823PW Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
More results

Mô tả tương tự - 74ABT823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com