công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT823 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện 74ABT823
Giải thích chi tiết về linh kiện  9-bit D-type flip-flop with reset and enable 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT823 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  74ABT823 Datasheet HTML 1Page - NXP Semiconductors 74ABT823 Datasheet HTML 2Page - NXP Semiconductors 74ABT823 Datasheet HTML 3Page - NXP Semiconductors 74ABT823 Datasheet HTML 4Page - NXP Semiconductors 74ABT823 Datasheet HTML 5Page - NXP Semiconductors 74ABT823 Datasheet HTML 6Page - NXP Semiconductors 74ABT823 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
74ABT823
9-bit D-type flip-flop with reset and enable
(3-State)
1
1995 Sep 06
853–1617 15703
FEATURES
High speed parallel registers with positive edge-triggered D-type
flip-flops
Ideal where high speed, light loading, or increased fan-in are
required with MOS microprocessors
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
Power-up Reset
DESCRIPTION
The 74ABT823 Bus interface Register is designed to eliminate the
extra packages required to buffer existing registers and provide
extra data width for wider data/address paths of buses carrying
parity.
The 74ABT823 is a 9-bit wide buffered register with Clock Enable
(CE) and Master Reset (MR) which are ideal for parity bus
interfacing in high microprogrammed systems.
The register is fully edge-triggered. The state of each D input, one
set-up time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CP to Qn
CL = 50pF; VCC = 5V
4.4
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled;
VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT823 N
74ABT823 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT823 D
74ABT823 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT823 DB
74ABT823 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT823 PW
74ABT823PW DH
SOT355-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
OE
D0
D1
D2
D3
D4
D5
D6
D7
Q7
D8
Q6
Q5
Q4
Q3
Q2
Q1
Q0
VCC
Q8
11
14
MR
CE
12
13
GND
CP
TOP VIEW
SA00227
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input
(active-Low)
2, 3, 4, 5, 6,
7, 8, 9, 10
D0-D8
Data inputs
23, 22, 21, 20,
19,18, 17, 16, 15
Q0-Q8
Data outputs
13
CP
Clock pulse input (active
rising edge)
14
CE
Clock enable input
(active-Low)
11
MR
Master reset input
(active-Low)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Số phần tương tự - 74ABT823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823D NXP-74ABT823D Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823DB NXP-74ABT823DB Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823PW NXP-74ABT823PW Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
More results

Mô tả tương tự - 74ABT823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com