công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT74 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện 74ABT74
Giải thích chi tiết về linh kiện  Dual D-type flip-flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT74 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  74ABT74 Datasheet HTML 1Page - NXP Semiconductors 74ABT74 Datasheet HTML 2Page - NXP Semiconductors 74ABT74 Datasheet HTML 3Page - NXP Semiconductors 74ABT74 Datasheet HTML 4Page - NXP Semiconductors 74ABT74 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
74ABT74
Dual D-type flip-flop
1
853-1813 15793
1995 Sep 22
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
CPn to
Qn, Qn
CL = 50pF;
VCC = 5V
3.0
2.5
ns
tOSLH
tOSHL
Output to
Output skew
CC
0.5
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
SD1
Q1
Q1
CP1
RD1
D1
RD1
D0
Q0
CP0
SD1
Q0
SF00045
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 10,
11, 12, 13
RDn, Dn,
CPn, SDn
Data inputs
5, 6, 8, 9
Qn, Qn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL
Q0 Q0Q1 Q1
56
98
VCC = Pin 14
GND = Pin 7
3
4
1
11
10
13
CP0
SD0
RD0
CP1
SD1
RD1
D0
D1
212
SA00359
DESCRIPTION
The 74ABT74 is a dual positive edge-triggered D-type flip-flop
featuring individual data, clock, set, and reset inputs; also true and
complementary outputs. Set (SD) and reset (RD) are asynchronous
active low inputs and operate independently of the clock input.
When set and reset are inactive (high), data at the D input is
transferred to the Q and Q outputs on the low-to-high transition of
the clock. Data must be stable just one setup time prior to the
low-to-high transition of the clock for predictable operation. Clock
triggering occurs at a voltage level and is not directly related to the
transition time of the positive-going pulse. Following the hold time
interval, data at the D input may be changed without affecting the
levels of the output.
LOGIC SYMBOL (IEEE/IEC)
4
3
2
1
10
11
12
13
5
6
9
8
&
S
S
C1
C2
R
1D
2D
R
SF00047
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
5, 9
6, 8
Q
Q
4, 10
1, 13
3, 11
2, 12
SD
RD
CP
D
SF00048
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT74 N
74ABT74 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT74 D
74ABT74 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT74 DB
74ABT74 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT74 PW
74ABT74PW DH
SOT402-1


Số phần tương tự - 74ABT74

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74ABT74D NEXPERIA-74ABT74D Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74ABT74PW NEXPERIA-74ABT74PW Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results

Mô tả tương tự - 74ABT74

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com