công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT544DB bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện 74ABT544DB
Giải thích chi tiết về linh kiện  Octal latched transceiver with dual enable, inverting 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT544DB bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

  74ABT544DB Datasheet HTML 1Page - NXP Semiconductors 74ABT544DB Datasheet HTML 2Page - NXP Semiconductors 74ABT544DB Datasheet HTML 3Page - NXP Semiconductors 74ABT544DB Datasheet HTML 4Page - NXP Semiconductors 74ABT544DB Datasheet HTML 5Page - NXP Semiconductors 74ABT544DB Datasheet HTML 6Page - NXP Semiconductors 74ABT544DB Datasheet HTML 7Page - NXP Semiconductors 74ABT544DB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9397 750 14756
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 20 April 2005
6 of 19
Philips Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability.
9.
Recommended operating conditions
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
[1]
−1.2
+7.0
V
VO
output voltage
output in OFF-state or
HIGH-state
[1]
−0.5
+5.5
V
IIK
input diode current
VI < 0 V
-
−18
mA
IOK
output diode current
VO < 0 V
-
−50
mA
IO
output current
output in LOW-state
-
128
mA
Tj
junction temperature
[2] -
150
°C
Tstg
storage temperature
−65
+150
°C
Table 6:
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
5.5
V
VI
input voltage
0
-
VCC
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level Input voltage
-
-
0.8
V
IOH
HIGH-level output current
-
-
−32
mA
IOL
LOW-level output current
-
-
64
mA
∆t/∆V
input transition rise or fall rate
0
-
10
ns/V
Tamb
ambient temperature
in free air
−40
-
+85
°C


Số phần tương tự - 74ABT544DB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT544DB PHILIPS-74ABT544DB Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544DB NXP-74ABT544DB Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
More results

Mô tả tương tự - 74ABT544DB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com