công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT574A bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74ABT574A
Giải thích chi tiết về linh kiện  Octal D-type flip-flop 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT574A bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74ABT574A Datasheet HTML 1Page - NXP Semiconductors 74ABT574A Datasheet HTML 2Page - NXP Semiconductors 74ABT574A Datasheet HTML 3Page - NXP Semiconductors 74ABT574A Datasheet HTML 4Page - NXP Semiconductors 74ABT574A Datasheet HTML 5Page - NXP Semiconductors 74ABT574A Datasheet HTML 6Page - NXP Semiconductors 74ABT574A Datasheet HTML 7Page - NXP Semiconductors 74ABT574A Datasheet HTML 8Page - NXP Semiconductors 74ABT574A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product specification
74ABT574A
Octal D-type flip-flop (3-State)
1995 May 22
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
VRST
Power-up output low
voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current4
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
VOE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–40
–180
–40
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
100
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
100
250
250
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10 msec. From VCC = 2.1V to VCC = 5V "10% a
transition time of up to 100
µsec is permitted.
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
Min
Max
fMAX
Maximum clock frequency
1
150
400
150
ns
tPLH
tPHL
Propagation delay
CP to Qn
1
1.5
2.0
3.0
3.4
4.4
4.7
1.5
2.0
5.0
5.1
ns
tPZH
tPZL
Output enable time
to High and Low level
3
4
1.0
2.5
2.9
3.8
4.1
5.2
1.0
2.5
5.0
5.7
ns
tPHZ
tPLZ
Output disable time
from High and Low level
3
4
1.8
1.4
3.1
2.6
4.3
3.8
1.8
1.4
5.0
4.0
ns


Số phần tương tự - 74ABT574A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ABT574 FAIRCHILD-74ABT574 Datasheet
120Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574 FAIRCHILD-74ABT574 Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574CMSA FAIRCHILD-74ABT574CMSA Datasheet
120Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574CMSA FAIRCHILD-74ABT574CMSA Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574CMTC FAIRCHILD-74ABT574CMTC Datasheet
120Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Mô tả tương tự - 74ABT574A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
   3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com