công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT5074 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74ABT5074
Giải thích chi tiết về linh kiện  Synchronizing dual D-type flip-flop with metastable immune characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT5074 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74ABT5074 Datasheet HTML 1Page - NXP Semiconductors 74ABT5074 Datasheet HTML 2Page - NXP Semiconductors 74ABT5074 Datasheet HTML 3Page - NXP Semiconductors 74ABT5074 Datasheet HTML 4Page - NXP Semiconductors 74ABT5074 Datasheet HTML 5Page - NXP Semiconductors 74ABT5074 Datasheet HTML 6Page - NXP Semiconductors 74ABT5074 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product data
74ABT5074
Synchronizing dual D-type flip-flop
with metastable immune characteristics
2
2002 Dec 17
FEATURES
Metastable immune characteristics
Pin compatible with 74F74 and 74F5074
Typical f
MAX = 200 MHz
Output skew guaranteed less than 2.0 ns
High source current (I
OH = 15 mA) ideal for clock driver
applications
Output capability: +20 mA / –15 mA
Latch-up protection exceeds 50 0mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT5074 is a dual positive edge-triggered D-type flip-flop
featuring individual data, clock, set and reset inputs; also true and
complementary outputs.
Set (SDn) and reset (RDn) are asynchronous active-LOW inputs
and operate independently of the clock (CPn) input. Data must be
stable just one set-up time prior to the LOW-to-HIGH transition of
the clock for guaranteed propagation delays.
Clock triggering occurs at a voltage level and is not directly related
to the transition time of the positive-going pulse. Following the hold
time interval, data at the Dn input may be changed without affecting
the levels of the output.
The 74ABT5074 is designed so that the outputs can never display a
metastable state due to set-up and hold time violations. If set-up
time and hold time are violated the propagation delays may be
extended beyond the specifications, but the outputs will not glitch or
display a metastable state. Typical metastability parameters for the
74ABT5074 are:
τ ≅ 94 ps and To ≅ 1.3 × 107 sec
where
τ represents a function of the rate at which a latch in a
metastable state resolves that condition and T0 represents a
function of the measurement of the propensity of a latch to enter a
metastable state.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CPn to Qn or Qn
CL = 50 pF; VCC = 5 V
2.8
2.4
ns
CIN
Input capacitance
VI = 0 V or VCC
3
pF
ICC
Total supply current
Outputs disabled; VCC =5.5 V
2
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
PART NUMBER
DWG NUMBER
14-Pin plastic SO
–40
°C to +85 °C
74ABT5074D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85 °C
74ABT5074DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85 °C
74ABT5074PW
SOT402-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
SD1
Q1
Q1
CP1
RD1
D1
RD0
D0
Q0
CP0
SD0
Q0
SA00001
PIN DESCRIPTION
PIN
SYMBOL
NAME AND FUNCTION
2, 12
D0, D1
Data inputs
3, 11
CP0, CP1
Clock inputs (active rising edge)
4, 10
SD0, SD1
Set inputs (active-LOW)
1, 13
RD0, RD1
Reset inputs (active-LOW)
5, 9
Q0, Q1
Data outputs (active-LOW), non-inverting
6, 8
Q0, Q1
Data outputs (active-LOW), inverting
7
GND
Ground (0 V)
14
VCC
Positive supply voltage


Số phần tương tự - 74ABT5074

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074D PHILIPS-74ABT5074D Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074DB PHILIPS-74ABT5074DB Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074PW PHILIPS-74ABT5074PW Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
More results

Mô tả tương tự - 74ABT5074

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74F50729 PHILIPS-74F50729 Datasheet
94Kb / 12P
   Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
74F50109 PHILIPS-74F50109 Datasheet
97Kb / 12P
   Synchronizing dual J-K positive edge-triggered flip-flop with metastable immune characteristics
1990 Sep 14
74F5074 PHILIPS-74F5074 Datasheet
92Kb / 12P
   Synchronizing dual D-type flip-flop/clock driver
1990 Sep 14
74F50728 PHILIPS-74F50728 Datasheet
89Kb / 12P
   Synchronizing cascaded dual positive edge-triggered D-type flip-flop
1990 Sep 14
logo
Texas Instruments
74ACT11478 TI1-74ACT11478 Datasheet
98Kb / 5P
[Old version datasheet]   METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com