công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABTH16827ADGG bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74ABTH16827ADGG
Giải thích chi tiết về linh kiện  20-bit buffer/line driver, non-inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16827ADGG bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74ABTH16827ADGG Datasheet HTML 1Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16827ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16827A
74ABTH16827A
20-bit buffer/line driver, non-inverting (3-State)
2
1998 Feb 27
853-1824 19025
FEATURES
Multiple V
CC and GND pins minimize switching noise
Live insertion/extraction permitted
3-State output buffers
Power-up 3-State
74ABTH16827A incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Output capability: +64mA/-32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT16827A high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive.
The 74ABT16827A 20-bit buffers provide high performance bus
interface buffering for wide data/address paths or buses carrying
parity. They have NOR Output Enables (nOE1, nOE2) for maximum
control flexibility.
Two options are available, 74ABT16827A which does not have the
bus-hold feature and 74ABTH16827A which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF; VCC = 5V
1.7
1.4
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
6
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent su
ly current
Outputs Low; VCC = 5.5V
9
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16827A DL
BT16827A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16827A DGG
BT16827A DGG
SOT364-1
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16827A DL
BH16827A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16827A DGG
BH16827A DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
55, 54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31, 30
1A0 - 1A9
2A0 - 2A9
Data inputs
2, 3, 5, 6, 8, 9, 10, 12, 13, 14,
15, 16, 17, 19, 20, 21, 23, 24, 26, 27
1Y0 - 1Y9
2Y0 - 2Y9
Data outputs
1, 56,
28, 29
1OE0, 1OE1
2OE0, 2OE1
Output enable inputs (active-Low)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Số phần tương tự - 74ABTH16827ADGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABTH16821A PHILIPS-74ABTH16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADGG PHILIPS-74ABTH16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADL PHILIPS-74ABTH16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
More results

Mô tả tương tự - 74ABTH16827ADGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com