công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G5920 bảng dữ liệu(PDF) 1 Page - Global Mixed-mode Technology Inc

tên linh kiện G5920
Giải thích chi tiết về linh kiện  Ultra Low-Dropout, Constant-Current White LED Bias
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GMT [Global Mixed-mode Technology Inc]
Trang chủ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5920 bảng dữ liệu(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5920 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5920 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 0.4 Preliminary
Feb 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5920/G5921
Global Mixed-mode Technology Inc.
Ultra Low-Dropout, Constant-Current White LED Bias
Features
Ultra Low 150mV Dropout at 20mA
0.6% High Accuracy Current Matching
20mA Full Scale Current
32 Level Linear Current Brightness Control
PWM Brightness Control
2.5V to 5.5V Supply Voltage Range
SOT-23-6 Package (G5920)
MSOP-8 Package (G5921)
Applications
Mobile Phones
White LED backlighting
General Description
The G5920/G5921 is a high performance ultra low-
dropout constant current bias supply for white LEDs. It
can be used as an alternative to the simple ballast
resistors in conventional parallel white LEDs applica-
tions. Each white LED bias current is matching to
0.6%.
For dimming control, an enable input pin is controlled
by processor GPIO output pulses for 32 level linear
current. Using a low frequency PWM waveform to this
enable input pin also controls the average LED current
which is proportional to the PWM duty.
The G5920/G5921 is suitable for single cell Li-ion bat-
tery power device that using low forward voltage white
LEDs. The white LEDs can be powered directly from
battery without extra external components. This takes
an advantage of highest efficiency and creates no EMI
problem.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP. RANGE
PACKAGE
G5920TB1U
G5920TB1Uf
5920x
-40°C to 85°C
SOT-23-6
G5921P8U
G5921P8Uf
5921x
-40°C to 85°C
MSOP-8
Note:TB : SOT23-6
P8: MSOP-8
U: Tape & Reel
Pin Configuration
Typical Application Circuit
EN
VCC
GND
LED2 1
2
34
5
6
G5920
SOT-23-6
LED3
LED1
PWM Dimming
Linear Current Dimming
EN
LED1
GND
G5920
LED2
LED3
VCC
V
BAT
0.1µF
EN
LED1
GND
G5920
LED2
LED3
VCC
V
BAT
0.1µF
8
6
5
1
2
3
4
LED3
LED1
LED2
MSOP-8
G5921
7
VCC
N.C.
GND
LED4
EN
EN
VCC
GND
LED2 1
2
34
5
6
G5920
SOT-23-6
LED3
LED1
PWM Dimming
Linear Current Dimming
EN
LED1
GND
G5920
LED2
LED3
VCC
V
BAT
0.1µF
EN
LED1
GND
G5920
LED2
LED3
VCC
V
BAT
0.1µF
8
6
5
1
2
3
4
LED3
LED1
LED2
MSOP-8
G5921
7
VCC
N.C.
GND
LED4
EN


Số phần tương tự - G5920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Global Mixed-mode Techn...
G5904 GMT-G5904 Datasheet
41Kb / 1P
   Four Channel High Efficiency White LED Driver
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
G5910-45TBU GMT-G5910-45TBU Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
G5910-45TPU GMT-G5910-45TPU Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
G5910-50TBU GMT-G5910-50TBU Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
More results

Mô tả tương tự - G5920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
   Constant Current White LED driver
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
National Semiconductor ...
LM3508 NSC-LM3508_08 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
logo
List of Unclassifed Man...
GM2102 ETC-GM2102 Datasheet
194Kb / 6P
   CONSTANT CURRENT DC/DC WHITE LED DRIVER
logo
National Semiconductor ...
LM3508 NSC-LM3508 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com