công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

76RSB04S bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 76RSB04S
Giải thích chi tiết về linh kiện  Thru-Hole DIP Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

76RSB04S bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  76RSB04S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Thru-Hole DIP Switches
C
L
C
L
.281 ± .010
(7,14 ± 0,25)
TYP.
B
.020 + .005 –.000
(0,51 + 0,13)
B = .156 ± .010
(3,96 ± 0,25)
TYPICAL
.012 ± .001
(0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
OPEN
1
234
5
6
7
8
LENGTH
± .010 (±0,25)
SEE ORDER INFO.
.380 ± .010
(9,65 ± 0,25)
.020 ± .002
(0,51 ± 0,05)
.090 ± .005
(2,29 ± 0,13)
.100 ± .005
(2,5 ± 0,13)
Rocker
PIANO-DIP®
For recessed rockers, delete .295 dimension.
Side Actuated PIANO-DIP®
Rocker and Recessed Rocker
SERIES 76
SPST Rocker
See also end view.
See also end view.
CIRCUITRY
Styles 76SB and 76RSB
Style 76PSB
Styles 76PRB
UP IS CLOSED (ON)
UP IS OPEN (OFF)
*A top tape seal is required for switches that are
machine soldered or heavily cleaned after hand
soldering. To order top seal versions, add "S" to
the Grayhill part number.
DIMENSIONS In inches (and millimeters)
Typical circuit diagram with actuator as shown
in the dimension drawing.
76
1
2
3
4
5
6
7
OPEN
LENGTH
± .010 (±0,25)
SEE ORDER INFO.
.380 ± .010
(9,65 ± 0,25)
.020 ± .002
(0,51 ± 0,05)
.090 ± .005
(2,29 ± 0,13)
.100 ± .005
(2,5 ± 0,13)
C
L
C
L
.012 ± .001
(0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
.020 + .005
–.000
(0,51 + 0,13)
.295 + .000
–.020
(7,49 –0,51)
A
.156 ± .010
(3,96 ± 0,25)
TYP.
A = .272 ± .010
(6,91 ± 0,25)
FEATURES
• Raised and Recessed, Rocker
and PIANO-DIP® Styles
• Sealed Base Standard
• Spring and Ball Contact
• Top Tape Seal Option
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
For Specifications, see page B-14.
For Options and Accessories, see page B-20.
Actuator shown in the up position.
Actuator shown in the up position.
End Views
ORDERING INFORMATION
Series
Switch Style: SB = Raised Rocker
RSB = Recessed Rocker
PSB = Piano-DIP (Up is Off)
PRB = Piano-DIP (Up is On)
76RSB04S
Seal*: S = Tape Seal
Blank = No Seal
Number of Positions: 02 through 10, 12
No. of Pos.
Length (Inches)
Length (Metric)
No./Tube
2
0.280"
7,1 mm
35
3
0.380"
9,7 mm
27
4
0.480"
12,2 mm
21
5
0.580"
14,7 mm
18
6
0.680"
17,3 mm
15
7
0.780"
19,8 mm
13
8
0.880"
22,4 mm
12
9
0.980"
24,9 mm
10
10
1.080"
27,4 mm
9
12
1.280"
32,5 mm
8
B-10


Số phần tương tự - 76RSB04S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Grayhill, Inc
76RSB04ST GRAYHILL-76RSB04ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76RSB04ST GRAYHILL-76RSB04ST Datasheet
133Kb / 2P
   Raised and Recessed, Rocker and PIANO-DIP Styles
More results

Mô tả tương tự - 76RSB04S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Grayhill, Inc
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
   Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
   Thru-Hole DIP Switches
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
   Thru-Hole DIP Switches
logo
Grayhill, Inc
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
   Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
   Thru-Hole DIP Switches
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
   Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
   Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
   Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
   Thru-Hole DIP Switches
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com