công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98555 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LM98555
Giải thích chi tiết về linh kiện  CCD Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98555 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM98555 Datasheet HTML 1Page - National Semiconductor (TI) LM98555 Datasheet HTML 2Page - National Semiconductor (TI) LM98555 Datasheet HTML 3Page - National Semiconductor (TI) LM98555 Datasheet HTML 4Page - National Semiconductor (TI) LM98555 Datasheet HTML 5Page - National Semiconductor (TI) LM98555 Datasheet HTML 6Page - National Semiconductor (TI) LM98555 Datasheet HTML 7Page - National Semiconductor (TI) LM98555 Datasheet HTML 8Page - National Semiconductor (TI) LM98555 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM98555
CCD Driver
General Description
The LM98555 is a highly integrated driver circuit intended for
CCD driving applications. It combines 25 drivers of varying
drive strengths into one chip to provide a complete CCD
driving solution. Due to this one-chip integration, optimal
skew control is achieved for this demanding application.
Features
n
All CCD drivers integrated into one package
n
High strength drivers designed specifically for CCD
loads
n
Ability to scale clock driver strength
n
Skew specifications guaranteed
n
Separate input and output power supplies
n
CMOS process technology
n
64-pin TSSOP package with extended power handling
capability
Key Specifications
Supply Voltage
Inputs
3.0 to 5.5V
Drivers
4.5 to 5.8V
Maximum Output Skew
Between P1A
and P2A
outputs
0.5 ns
Maximum Power
Dissipation
2.0W
Functional Description
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
20126401
FIGURE 1. Functional Block Diagram
February 2006
© 2006 National Semiconductor Corporation
DS201264
www.national.com


Số phần tương tự - LM98555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98555 TI-LM98555 Datasheet
716Kb / 15P
[Old version datasheet]   LM98555 CCD Driver
LM98555 TI1-LM98555 Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
LM98555CCMH TI-LM98555CCMH Datasheet
716Kb / 15P
[Old version datasheet]   LM98555 CCD Driver
LM98555CCMH/NOPB TI1-LM98555CCMH/NOPB Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
LM98555CCMHX TI-LM98555CCMHX Datasheet
716Kb / 15P
[Old version datasheet]   LM98555 CCD Driver
More results

Mô tả tương tự - LM98555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98555 TI1-LM98555 Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
   CCD Clock Driver
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
   CCD VERTICAL DRIVER
AA87223AP AGAMEM-AA87223AP Datasheet
277Kb / 9P
   CCD VERTICAL DRIVER
logo
Texas Instruments
LM98555CCMHX TI-LM98555CCMHX Datasheet
716Kb / 15P
[Old version datasheet]   LM98555 CCD Driver
logo
Sanyo Semicon Device
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
   CCD Clock Driver?
logo
Agamem Microelectronic ...
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
   CCD VERTICAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com